| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 10 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 10 Page - Murata Manufacturing Co., Ltd |
|
10 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.22mm 50Vdc C0G 6.9pF ±0.5pF GRM0225C1H6R9DA03# 7.0pF ±0.05pF GRM0225C1H7R0WA03# ±0.1pF GRM0225C1H7R0BA03# ±0.25pF GRM0225C1H7R0CA03# ±0.5pF GRM0225C1H7R0DA03# 7.1pF ±0.05pF GRM0225C1H7R1WA03# ±0.1pF GRM0225C1H7R1BA03# ±0.25pF GRM0225C1H7R1CA03# ±0.5pF GRM0225C1H7R1DA03# 7.2pF ±0.05pF GRM0225C1H7R2WA03# ±0.1pF GRM0225C1H7R2BA03# ±0.25pF GRM0225C1H7R2CA03# ±0.5pF GRM0225C1H7R2DA03# 7.3pF ±0.05pF GRM0225C1H7R3WA03# ±0.1pF GRM0225C1H7R3BA03# ±0.25pF GRM0225C1H7R3CA03# ±0.5pF GRM0225C1H7R3DA03# 7.4pF ±0.05pF GRM0225C1H7R4WA03# ±0.1pF GRM0225C1H7R4BA03# ±0.25pF GRM0225C1H7R4CA03# ±0.5pF GRM0225C1H7R4DA03# 7.5pF ±0.05pF GRM0225C1H7R5WA03# ±0.1pF GRM0225C1H7R5BA03# ±0.25pF GRM0225C1H7R5CA03# ±0.5pF GRM0225C1H7R5DA03# 7.6pF ±0.05pF GRM0225C1H7R6WA03# ±0.1pF GRM0225C1H7R6BA03# ±0.25pF GRM0225C1H7R6CA03# ±0.5pF GRM0225C1H7R6DA03# 7.7pF ±0.05pF GRM0225C1H7R7WA03# ±0.1pF GRM0225C1H7R7BA03# ±0.25pF GRM0225C1H7R7CA03# ±0.5pF GRM0225C1H7R7DA03# 7.8pF ±0.05pF GRM0225C1H7R8WA03# ±0.1pF GRM0225C1H7R8BA03# ±0.25pF GRM0225C1H7R8CA03# ±0.5pF GRM0225C1H7R8DA03# 7.9pF ±0.05pF GRM0225C1H7R9WA03# ±0.1pF GRM0225C1H7R9BA03# ±0.25pF GRM0225C1H7R9CA03# ±0.5pF GRM0225C1H7R9DA03# 8.0pF ±0.05pF GRM0225C1H8R0WA03# ±0.1pF GRM0225C1H8R0BA03# ±0.25pF GRM0225C1H8R0CA03# ±0.5pF GRM0225C1H8R0DA03# 8.1pF ±0.05pF GRM0225C1H8R1WA03# ±0.1pF GRM0225C1H8R1BA03# ±0.25pF GRM0225C1H8R1CA03# ±0.5pF GRM0225C1H8R1DA03# 8.2pF ±0.05pF GRM0225C1H8R2WA03# ±0.1pF GRM0225C1H8R2BA03# ±0.25pF GRM0225C1H8R2CA03# ±0.5pF GRM0225C1H8R2DA03# 8.3pF ±0.05pF GRM0225C1H8R3WA03# GRM Series Temperature Compensating Type Part Number List (→ 0.4×0.2mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.22mm 50Vdc C0G 8.3pF ±0.1pF GRM0225C1H8R3BA03# ±0.25pF GRM0225C1H8R3CA03# ±0.5pF GRM0225C1H8R3DA03# 8.4pF ±0.05pF GRM0225C1H8R4WA03# ±0.1pF GRM0225C1H8R4BA03# ±0.25pF GRM0225C1H8R4CA03# ±0.5pF GRM0225C1H8R4DA03# 8.5pF ±0.05pF GRM0225C1H8R5WA03# ±0.1pF GRM0225C1H8R5BA03# ±0.25pF GRM0225C1H8R5CA03# ±0.5pF GRM0225C1H8R5DA03# 8.6pF ±0.05pF GRM0225C1H8R6WA03# ±0.1pF GRM0225C1H8R6BA03# ±0.25pF GRM0225C1H8R6CA03# ±0.5pF GRM0225C1H8R6DA03# 8.7pF ±0.05pF GRM0225C1H8R7WA03# ±0.1pF GRM0225C1H8R7BA03# ±0.25pF GRM0225C1H8R7CA03# ±0.5pF GRM0225C1H8R7DA03# 8.8pF ±0.05pF GRM0225C1H8R8WA03# ±0.1pF GRM0225C1H8R8BA03# ±0.25pF GRM0225C1H8R8CA03# ±0.5pF GRM0225C1H8R8DA03# 8.9pF ±0.05pF GRM0225C1H8R9WA03# ±0.1pF GRM0225C1H8R9BA03# ±0.25pF GRM0225C1H8R9CA03# ±0.5pF GRM0225C1H8R9DA03# 9.0pF ±0.05pF GRM0225C1H9R0WA03# ±0.1pF GRM0225C1H9R0BA03# ±0.25pF GRM0225C1H9R0CA03# ±0.5pF GRM0225C1H9R0DA03# 9.1pF ±0.05pF GRM0225C1H9R1WA03# ±0.1pF GRM0225C1H9R1BA03# ±0.25pF GRM0225C1H9R1CA03# ±0.5pF GRM0225C1H9R1DA03# 9.2pF ±0.05pF GRM0225C1H9R2WA03# ±0.1pF GRM0225C1H9R2BA03# ±0.25pF GRM0225C1H9R2CA03# ±0.5pF GRM0225C1H9R2DA03# 9.3pF ±0.05pF GRM0225C1H9R3WA03# ±0.1pF GRM0225C1H9R3BA03# ±0.25pF GRM0225C1H9R3CA03# ±0.5pF GRM0225C1H9R3DA03# 9.4pF ±0.05pF GRM0225C1H9R4WA03# ±0.1pF GRM0225C1H9R4BA03# ±0.25pF GRM0225C1H9R4CA03# ±0.5pF GRM0225C1H9R4DA03# 9.5pF ±0.05pF GRM0225C1H9R5WA03# ±0.1pF GRM0225C1H9R5BA03# ±0.25pF GRM0225C1H9R5CA03# ±0.5pF GRM0225C1H9R5DA03# 9.6pF ±0.05pF GRM0225C1H9R6WA03# ±0.1pF GRM0225C1H9R6BA03# ±0.25pF GRM0225C1H9R6CA03# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 43 |