| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 14 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 14 Page - Murata Manufacturing Co., Ltd |
|
14 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.22mm 50Vdc CH 8.5pF ±0.05pF GRM0222C1H8R5WA03# ±0.1pF GRM0222C1H8R5BA03# ±0.25pF GRM0222C1H8R5CA03# ±0.5pF GRM0222C1H8R5DA03# 8.6pF ±0.05pF GRM0222C1H8R6WA03# ±0.1pF GRM0222C1H8R6BA03# ±0.25pF GRM0222C1H8R6CA03# ±0.5pF GRM0222C1H8R6DA03# 8.7pF ±0.05pF GRM0222C1H8R7WA03# ±0.1pF GRM0222C1H8R7BA03# ±0.25pF GRM0222C1H8R7CA03# ±0.5pF GRM0222C1H8R7DA03# 8.8pF ±0.05pF GRM0222C1H8R8WA03# ±0.1pF GRM0222C1H8R8BA03# ±0.25pF GRM0222C1H8R8CA03# ±0.5pF GRM0222C1H8R8DA03# 8.9pF ±0.05pF GRM0222C1H8R9WA03# ±0.1pF GRM0222C1H8R9BA03# ±0.25pF GRM0222C1H8R9CA03# ±0.5pF GRM0222C1H8R9DA03# 9.0pF ±0.05pF GRM0222C1H9R0WA03# ±0.1pF GRM0222C1H9R0BA03# ±0.25pF GRM0222C1H9R0CA03# ±0.5pF GRM0222C1H9R0DA03# 9.1pF ±0.05pF GRM0222C1H9R1WA03# ±0.1pF GRM0222C1H9R1BA03# ±0.25pF GRM0222C1H9R1CA03# ±0.5pF GRM0222C1H9R1DA03# 9.2pF ±0.05pF GRM0222C1H9R2WA03# ±0.1pF GRM0222C1H9R2BA03# ±0.25pF GRM0222C1H9R2CA03# ±0.5pF GRM0222C1H9R2DA03# 9.3pF ±0.05pF GRM0222C1H9R3WA03# ±0.1pF GRM0222C1H9R3BA03# ±0.25pF GRM0222C1H9R3CA03# ±0.5pF GRM0222C1H9R3DA03# 9.4pF ±0.05pF GRM0222C1H9R4WA03# ±0.1pF GRM0222C1H9R4BA03# ±0.25pF GRM0222C1H9R4CA03# ±0.5pF GRM0222C1H9R4DA03# 9.5pF ±0.05pF GRM0222C1H9R5WA03# ±0.1pF GRM0222C1H9R5BA03# ±0.25pF GRM0222C1H9R5CA03# ±0.5pF GRM0222C1H9R5DA03# 9.6pF ±0.05pF GRM0222C1H9R6WA03# ±0.1pF GRM0222C1H9R6BA03# ±0.25pF GRM0222C1H9R6CA03# ±0.5pF GRM0222C1H9R6DA03# 9.7pF ±0.05pF GRM0222C1H9R7WA03# ±0.1pF GRM0222C1H9R7BA03# ±0.25pF GRM0222C1H9R7CA03# ±0.5pF GRM0222C1H9R7DA03# 9.8pF ±0.05pF GRM0222C1H9R8WA03# ±0.1pF GRM0222C1H9R8BA03# GRM Series Temperature Compensating Type Part Number List (→ 0.4×0.2mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.22mm 50Vdc CH 9.8pF ±0.25pF GRM0222C1H9R8CA03# ±0.5pF GRM0222C1H9R8DA03# 9.9pF ±0.05pF GRM0222C1H9R9WA03# ±0.1pF GRM0222C1H9R9BA03# ±0.25pF GRM0222C1H9R9CA03# ±0.5pF GRM0222C1H9R9DA03# 10pF ±2% GRM0222C1H100GA03# ±5% GRM0222C1H100JA03# 11pF ±2% GRM0222C1H110GA03# ±5% GRM0222C1H110JA03# 12pF ±2% GRM0222C1H120GA03# ±5% GRM0222C1H120JA03# 13pF ±2% GRM0222C1H130GA03# ±5% GRM0222C1H130JA03# 15pF ±2% GRM0222C1H150GA03# ±5% GRM0222C1H150JA03# 16pF ±2% GRM0222C1H160GA03# ±5% GRM0222C1H160JA03# 17pF ±5% GRM0222C1H170JA02# 18pF ±5% GRM0222C1H180JA02# 19pF ±5% GRM0222C1H190JA02# 20pF ±5% GRM0222C1H200JA02# 21pF ±5% GRM0222C1H210JA02# 22pF ±5% GRM0222C1H220JA02# 23pF ±5% GRM0222C1H230JA02# 24pF ±5% GRM0222C1H240JA02# 27pF ±5% GRM0222C1H270JA02# 30pF ±5% GRM0222C1H300JA02# 33pF ±5% GRM0222C1H330JA02# 36pF ±5% GRM0222C1H360JA02# 39pF ±5% GRM0222C1H390JA02# 43pF ±5% GRM0222C1H430JA02# 47pF ±5% GRM0222C1H470JA02# 51pF ±5% GRM0222C1H510JA02# 56pF ±5% GRM0222C1H560JA02# 62pF ±5% GRM0222C1H620JA02# 68pF ±5% GRM0222C1H680JA02# 75pF ±5% GRM0222C1H750JA02# 82pF ±5% GRM0222C1H820JA02# 91pF ±5% GRM0222C1H910JA02# 100pF ±5% GRM0222C1H101JA02# 25Vdc C0G 120pF ±5% GRM0225C1E121JA02# 150pF ±5% GRM0225C1E151JA02# 180pF ±5% GRM0225C1E181JA02# 220pF ±5% GRM0225C1E221JA02# CH 120pF ±5% GRM0222C1E121JA02# 150pF ±5% GRM0222C1E151JA02# 180pF ±5% GRM0222C1E181JA02# 220pF ±5% GRM0222C1E221JA02# 16Vdc C0G 120pF ±5% GRM0225C1C121JA02# 150pF ±5% GRM0225C1C151JA02# 180pF ±5% GRM0225C1C181JA02# 220pF ±5% GRM0225C1C221JA02# CH 120pF ±5% GRM0222C1C121JA02# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 47 |