| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 53 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 53 Page - Murata Manufacturing Co., Ltd |
|
53 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.9mm 50Vdc C0G 9.1pF ±0.05pF GRM1885C1H9R1WA01# ±0.1pF GRM1885C1H9R1BA01# ±0.25pF GRM1885C1H9R1CA01# ±0.5pF GRM1885C1H9R1DA01# 9.2pF ±0.05pF GRM1885C1H9R2WA01# ±0.1pF GRM1885C1H9R2BA01# ±0.25pF GRM1885C1H9R2CA01# ±0.5pF GRM1885C1H9R2DA01# 9.3pF ±0.05pF GRM1885C1H9R3WA01# ±0.1pF GRM1885C1H9R3BA01# ±0.25pF GRM1885C1H9R3CA01# ±0.5pF GRM1885C1H9R3DA01# 9.4pF ±0.05pF GRM1885C1H9R4WA01# ±0.1pF GRM1885C1H9R4BA01# ±0.25pF GRM1885C1H9R4CA01# ±0.5pF GRM1885C1H9R4DA01# 9.5pF ±0.05pF GRM1885C1H9R5WA01# ±0.1pF GRM1885C1H9R5BA01# ±0.25pF GRM1885C1H9R5CA01# ±0.5pF GRM1885C1H9R5DA01# 9.6pF ±0.05pF GRM1885C1H9R6WA01# ±0.1pF GRM1885C1H9R6BA01# ±0.25pF GRM1885C1H9R6CA01# ±0.5pF GRM1885C1H9R6DA01# 9.7pF ±0.05pF GRM1885C1H9R7WA01# ±0.1pF GRM1885C1H9R7BA01# ±0.25pF GRM1885C1H9R7CA01# ±0.5pF GRM1885C1H9R7DA01# 9.8pF ±0.05pF GRM1885C1H9R8WA01# ±0.1pF GRM1885C1H9R8BA01# ±0.25pF GRM1885C1H9R8CA01# ±0.5pF GRM1885C1H9R8DA01# 9.9pF ±0.05pF GRM1885C1H9R9WA01# ±0.1pF GRM1885C1H9R9BA01# ±0.25pF GRM1885C1H9R9CA01# ±0.5pF GRM1885C1H9R9DA01# 10pF ±5% GRM1885C1H100JA01# 12pF ±5% GRM1885C1H120JA01# 15pF ±5% GRM1885C1H150JA01# 18pF ±5% GRM1885C1H180JA01# 22pF ±5% GRM1885C1H220JA01# 27pF ±5% GRM1885C1H270JA01# 33pF ±5% GRM1885C1H330JA01# 39pF ±5% GRM1885C1H390JA01# 47pF ±5% GRM1885C1H470JA01# 56pF ±5% GRM1885C1H560JA01# 68pF ±5% GRM1885C1H680JA01# 82pF ±5% GRM1885C1H820JA01# 100pF ±5% GRM1885C1H101JA01# 120pF ±5% GRM1885C1H121JA01# 150pF ±5% GRM1885C1H151JA01# 180pF ±5% GRM1885C1H181JA01# 220pF ±5% GRM1885C1H221JA01# 270pF ±5% GRM1885C1H271JA01# GRM Series Temperature Compensating Type Part Number List (→ 1.6×0.8mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.9mm 50Vdc C0G 330pF ±5% GRM1885C1H331JA01# 390pF ±5% GRM1885C1H391JA01# 470pF ±5% GRM1885C1H471JA01# 560pF ±5% GRM1885C1H561JA01# 680pF ±5% GRM1885C1H681JA01# 820pF ±5% GRM1885C1H821JA01# 1000pF ±5% GRM1885C1H102JA01# 1200pF ±5% GRM1885C1H122JA01# 1500pF ±5% GRM1885C1H152JA01# 1800pF ±5% GRM1885C1H182JA01# 2200pF ±5% GRM1885C1H222JA01# 2700pF ±5% GRM1885C1H272JA01# 3300pF ±5% GRM1885C1H332JA01# 3900pF ±5% GRM1885C1H392JA01# 4700pF ±5% GRM1885C1H472JA01# 5600pF ±5% GRM1885C1H562JA01# 6800pF ±5% GRM1885C1H682JA01# 8200pF ±5% GRM1885C1H822JA01# 10000pF ±5% GRM1885C1H103JA01# CK 0.50pF ±0.05pF GRM1884C1HR50WA01# ±0.1pF GRM1884C1HR50BA01# 0.60pF ±0.05pF GRM1884C1HR60WA01# ±0.1pF GRM1884C1HR60BA01# 0.70pF ±0.05pF GRM1884C1HR70WA01# ±0.1pF GRM1884C1HR70BA01# 0.80pF ±0.05pF GRM1884C1HR80WA01# ±0.1pF GRM1884C1HR80BA01# 0.90pF ±0.05pF GRM1884C1HR90WA01# ±0.1pF GRM1884C1HR90BA01# 1.0pF ±0.05pF GRM1884C1H1R0WA01# ±0.1pF GRM1884C1H1R0BA01# ±0.25pF GRM1884C1H1R0CA01# 1.1pF ±0.05pF GRM1884C1H1R1WA01# ±0.1pF GRM1884C1H1R1BA01# ±0.25pF GRM1884C1H1R1CA01# 1.2pF ±0.05pF GRM1884C1H1R2WA01# ±0.1pF GRM1884C1H1R2BA01# ±0.25pF GRM1884C1H1R2CA01# 1.3pF ±0.05pF GRM1884C1H1R3WA01# ±0.1pF GRM1884C1H1R3BA01# ±0.25pF GRM1884C1H1R3CA01# 1.4pF ±0.05pF GRM1884C1H1R4WA01# ±0.1pF GRM1884C1H1R4BA01# ±0.25pF GRM1884C1H1R4CA01# 1.5pF ±0.05pF GRM1884C1H1R5WA01# ±0.1pF GRM1884C1H1R5BA01# ±0.25pF GRM1884C1H1R5CA01# 1.6pF ±0.05pF GRM1884C1H1R6WA01# ±0.1pF GRM1884C1H1R6BA01# ±0.25pF GRM1884C1H1R6CA01# 1.7pF ±0.05pF GRM1884C1H1R7WA01# ±0.1pF GRM1884C1H1R7BA01# ±0.25pF GRM1884C1H1R7CA01# 1.8pF ±0.05pF GRM1884C1H1R8WA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 86 |