| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 32 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 32 Page - Murata Manufacturing Co., Ltd |
|
32 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.55mm 100Vdc C0G 8.8pF ±0.1pF GRM1555C2A8R8BA01# ±0.25pF GRM1555C2A8R8CA01# ±0.5pF GRM1555C2A8R8DA01# 8.9pF ±0.05pF GRM1555C2A8R9WA01# ±0.1pF GRM1555C2A8R9BA01# ±0.25pF GRM1555C2A8R9CA01# ±0.5pF GRM1555C2A8R9DA01# 9.0pF ±0.05pF GRM1555C2A9R0WA01# ±0.1pF GRM1555C2A9R0BA01# ±0.25pF GRM1555C2A9R0CA01# ±0.5pF GRM1555C2A9R0DA01# 9.1pF ±0.05pF GRM1555C2A9R1WA01# ±0.1pF GRM1555C2A9R1BA01# ±0.25pF GRM1555C2A9R1CA01# ±0.5pF GRM1555C2A9R1DA01# 9.2pF ±0.05pF GRM1555C2A9R2WA01# ±0.1pF GRM1555C2A9R2BA01# ±0.25pF GRM1555C2A9R2CA01# ±0.5pF GRM1555C2A9R2DA01# 9.3pF ±0.05pF GRM1555C2A9R3WA01# ±0.1pF GRM1555C2A9R3BA01# ±0.25pF GRM1555C2A9R3CA01# ±0.5pF GRM1555C2A9R3DA01# 9.4pF ±0.05pF GRM1555C2A9R4WA01# ±0.1pF GRM1555C2A9R4BA01# ±0.25pF GRM1555C2A9R4CA01# ±0.5pF GRM1555C2A9R4DA01# 9.5pF ±0.05pF GRM1555C2A9R5WA01# ±0.1pF GRM1555C2A9R5BA01# ±0.25pF GRM1555C2A9R5CA01# ±0.5pF GRM1555C2A9R5DA01# 9.6pF ±0.05pF GRM1555C2A9R6WA01# ±0.1pF GRM1555C2A9R6BA01# ±0.25pF GRM1555C2A9R6CA01# ±0.5pF GRM1555C2A9R6DA01# 9.7pF ±0.05pF GRM1555C2A9R7WA01# ±0.1pF GRM1555C2A9R7BA01# ±0.25pF GRM1555C2A9R7CA01# ±0.5pF GRM1555C2A9R7DA01# 9.8pF ±0.05pF GRM1555C2A9R8WA01# ±0.1pF GRM1555C2A9R8BA01# ±0.25pF GRM1555C2A9R8CA01# ±0.5pF GRM1555C2A9R8DA01# 9.9pF ±0.05pF GRM1555C2A9R9WA01# ±0.1pF GRM1555C2A9R9BA01# ±0.25pF GRM1555C2A9R9CA01# ±0.5pF GRM1555C2A9R9DA01# 10pF ±2% GRM1555C2A100GA01# ±5% GRM1555C2A100JA01# 12pF ±2% GRM1555C2A120GA01# ±5% GRM1555C2A120JA01# 15pF ±2% GRM1555C2A150GA01# ±5% GRM1555C2A150JA01# 18pF ±2% GRM1555C2A180GA01# GRM Series Temperature Compensating Type Part Number List (→ 1.0×0.5mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.55mm 100Vdc C0G 18pF ±5% GRM1555C2A180JA01# 22pF ±2% GRM1555C2A220GA01# ±5% GRM1555C2A220JA01# 27pF ±2% GRM1555C2A270GA01# ±5% GRM1555C2A270JA01# 33pF ±2% GRM1555C2A330GA01# ±5% GRM1555C2A330JA01# 39pF ±2% GRM1555C2A390GA01# ±5% GRM1555C2A390JA01# 47pF ±2% GRM1555C2A470GA01# ±5% GRM1555C2A470JA01# 56pF ±2% GRM1555C2A560GA01# ±5% GRM1555C2A560JA01# 68pF ±2% GRM1555C2A680GA01# ±5% GRM1555C2A680JA01# 82pF ±2% GRM1555C2A820GA01# ±5% GRM1555C2A820JA01# 100pF ±2% GRM1555C2A101GA01# ±5% GRM1555C2A101JA01# CK 0.10pF ±0.05pF GRM1554C2AR10WA01# 0.20pF ±0.05pF GRM1554C2AR20WA01# ±0.1pF GRM1554C2AR20BA01# 0.30pF ±0.05pF GRM1554C2AR30WA01# ±0.1pF GRM1554C2AR30BA01# 0.40pF ±0.05pF GRM1554C2AR40WA01# ±0.1pF GRM1554C2AR40BA01# 0.50pF ±0.05pF GRM1554C2AR50WA01# ±0.1pF GRM1554C2AR50BA01# 0.60pF ±0.05pF GRM1554C2AR60WA01# ±0.1pF GRM1554C2AR60BA01# 0.70pF ±0.05pF GRM1554C2AR70WA01# ±0.1pF GRM1554C2AR70BA01# 0.80pF ±0.05pF GRM1554C2AR80WA01# ±0.1pF GRM1554C2AR80BA01# 0.90pF ±0.05pF GRM1554C2AR90WA01# ±0.1pF GRM1554C2AR90BA01# 1.0pF ±0.05pF GRM1554C2A1R0WA01# ±0.1pF GRM1554C2A1R0BA01# ±0.25pF GRM1554C2A1R0CA01# 1.1pF ±0.05pF GRM1554C2A1R1WA01# ±0.1pF GRM1554C2A1R1BA01# ±0.25pF GRM1554C2A1R1CA01# 1.2pF ±0.05pF GRM1554C2A1R2WA01# ±0.1pF GRM1554C2A1R2BA01# ±0.25pF GRM1554C2A1R2CA01# 1.3pF ±0.05pF GRM1554C2A1R3WA01# ±0.1pF GRM1554C2A1R3BA01# ±0.25pF GRM1554C2A1R3CA01# 1.4pF ±0.05pF GRM1554C2A1R4WA01# ±0.1pF GRM1554C2A1R4BA01# ±0.25pF GRM1554C2A1R4CA01# 1.5pF ±0.05pF GRM1554C2A1R5WA01# ±0.1pF GRM1554C2A1R5BA01# ±0.25pF GRM1554C2A1R5CA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 65 |