| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 17 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 17 Page - Murata Manufacturing Co., Ltd |
|
17 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.33mm 100Vdc C0G 6.8pF ±0.05pF GRM0335C2A6R8WA01# ±0.1pF GRM0335C2A6R8BA01# ±0.25pF GRM0335C2A6R8CA01# ±0.5pF GRM0335C2A6R8DA01# 6.9pF ±0.05pF GRM0335C2A6R9WA01# ±0.1pF GRM0335C2A6R9BA01# ±0.25pF GRM0335C2A6R9CA01# ±0.5pF GRM0335C2A6R9DA01# 7.0pF ±0.05pF GRM0335C2A7R0WA01# ±0.1pF GRM0335C2A7R0BA01# ±0.25pF GRM0335C2A7R0CA01# ±0.5pF GRM0335C2A7R0DA01# 7.1pF ±0.05pF GRM0335C2A7R1WA01# ±0.1pF GRM0335C2A7R1BA01# ±0.25pF GRM0335C2A7R1CA01# ±0.5pF GRM0335C2A7R1DA01# 7.2pF ±0.05pF GRM0335C2A7R2WA01# ±0.1pF GRM0335C2A7R2BA01# ±0.25pF GRM0335C2A7R2CA01# ±0.5pF GRM0335C2A7R2DA01# 7.3pF ±0.05pF GRM0335C2A7R3WA01# ±0.1pF GRM0335C2A7R3BA01# ±0.25pF GRM0335C2A7R3CA01# ±0.5pF GRM0335C2A7R3DA01# 7.4pF ±0.05pF GRM0335C2A7R4WA01# ±0.1pF GRM0335C2A7R4BA01# ±0.25pF GRM0335C2A7R4CA01# ±0.5pF GRM0335C2A7R4DA01# 7.5pF ±0.05pF GRM0335C2A7R5WA01# ±0.1pF GRM0335C2A7R5BA01# ±0.25pF GRM0335C2A7R5CA01# ±0.5pF GRM0335C2A7R5DA01# 7.6pF ±0.05pF GRM0335C2A7R6WA01# ±0.1pF GRM0335C2A7R6BA01# ±0.25pF GRM0335C2A7R6CA01# ±0.5pF GRM0335C2A7R6DA01# 7.7pF ±0.05pF GRM0335C2A7R7WA01# ±0.1pF GRM0335C2A7R7BA01# ±0.25pF GRM0335C2A7R7CA01# ±0.5pF GRM0335C2A7R7DA01# 7.8pF ±0.05pF GRM0335C2A7R8WA01# ±0.1pF GRM0335C2A7R8BA01# ±0.25pF GRM0335C2A7R8CA01# ±0.5pF GRM0335C2A7R8DA01# 7.9pF ±0.05pF GRM0335C2A7R9WA01# ±0.1pF GRM0335C2A7R9BA01# ±0.25pF GRM0335C2A7R9CA01# ±0.5pF GRM0335C2A7R9DA01# 8.0pF ±0.05pF GRM0335C2A8R0WA01# ±0.1pF GRM0335C2A8R0BA01# ±0.25pF GRM0335C2A8R0CA01# ±0.5pF GRM0335C2A8R0DA01# 8.1pF ±0.05pF GRM0335C2A8R1WA01# ±0.1pF GRM0335C2A8R1BA01# GRM Series Temperature Compensating Type Part Number List (→ 0.6×0.3mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.33mm 100Vdc C0G 8.1pF ±0.25pF GRM0335C2A8R1CA01# ±0.5pF GRM0335C2A8R1DA01# 8.2pF ±0.05pF GRM0335C2A8R2WA01# ±0.1pF GRM0335C2A8R2BA01# ±0.25pF GRM0335C2A8R2CA01# ±0.5pF GRM0335C2A8R2DA01# 8.3pF ±0.05pF GRM0335C2A8R3WA01# ±0.1pF GRM0335C2A8R3BA01# ±0.25pF GRM0335C2A8R3CA01# ±0.5pF GRM0335C2A8R3DA01# 8.4pF ±0.05pF GRM0335C2A8R4WA01# ±0.1pF GRM0335C2A8R4BA01# ±0.25pF GRM0335C2A8R4CA01# ±0.5pF GRM0335C2A8R4DA01# 8.5pF ±0.05pF GRM0335C2A8R5WA01# ±0.1pF GRM0335C2A8R5BA01# ±0.25pF GRM0335C2A8R5CA01# ±0.5pF GRM0335C2A8R5DA01# 8.6pF ±0.05pF GRM0335C2A8R6WA01# ±0.1pF GRM0335C2A8R6BA01# ±0.25pF GRM0335C2A8R6CA01# ±0.5pF GRM0335C2A8R6DA01# 8.7pF ±0.05pF GRM0335C2A8R7WA01# ±0.1pF GRM0335C2A8R7BA01# ±0.25pF GRM0335C2A8R7CA01# ±0.5pF GRM0335C2A8R7DA01# 8.8pF ±0.05pF GRM0335C2A8R8WA01# ±0.1pF GRM0335C2A8R8BA01# ±0.25pF GRM0335C2A8R8CA01# ±0.5pF GRM0335C2A8R8DA01# 8.9pF ±0.05pF GRM0335C2A8R9WA01# ±0.1pF GRM0335C2A8R9BA01# ±0.25pF GRM0335C2A8R9CA01# ±0.5pF GRM0335C2A8R9DA01# 9.0pF ±0.05pF GRM0335C2A9R0WA01# ±0.1pF GRM0335C2A9R0BA01# ±0.25pF GRM0335C2A9R0CA01# ±0.5pF GRM0335C2A9R0DA01# 9.1pF ±0.05pF GRM0335C2A9R1WA01# ±0.1pF GRM0335C2A9R1BA01# ±0.25pF GRM0335C2A9R1CA01# ±0.5pF GRM0335C2A9R1DA01# 9.2pF ±0.05pF GRM0335C2A9R2WA01# ±0.1pF GRM0335C2A9R2BA01# ±0.25pF GRM0335C2A9R2CA01# ±0.5pF GRM0335C2A9R2DA01# 9.3pF ±0.05pF GRM0335C2A9R3WA01# ±0.1pF GRM0335C2A9R3BA01# ±0.25pF GRM0335C2A9R3CA01# ±0.5pF GRM0335C2A9R3DA01# 9.4pF ±0.05pF GRM0335C2A9R4WA01# ±0.1pF GRM0335C2A9R4BA01# ±0.25pF GRM0335C2A9R4CA01# ±0.5pF GRM0335C2A9R4DA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 50 |