| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 46 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 46 Page - Murata Manufacturing Co., Ltd |
|
46 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.9mm 100Vdc C0G 8.0pF ±0.05pF GRM1885C2A8R0WA01# ±0.1pF GRM1885C2A8R0BA01# ±0.25pF GRM1885C2A8R0CA01# ±0.5pF GRM1885C2A8R0DA01# 8.1pF ±0.05pF GRM1885C2A8R1WA01# ±0.1pF GRM1885C2A8R1BA01# ±0.25pF GRM1885C2A8R1CA01# ±0.5pF GRM1885C2A8R1DA01# 8.2pF ±0.05pF GRM1885C2A8R2WA01# ±0.1pF GRM1885C2A8R2BA01# ±0.25pF GRM1885C2A8R2CA01# ±0.5pF GRM1885C2A8R2DA01# 8.3pF ±0.05pF GRM1885C2A8R3WA01# ±0.1pF GRM1885C2A8R3BA01# ±0.25pF GRM1885C2A8R3CA01# ±0.5pF GRM1885C2A8R3DA01# 8.4pF ±0.05pF GRM1885C2A8R4WA01# ±0.1pF GRM1885C2A8R4BA01# ±0.25pF GRM1885C2A8R4CA01# ±0.5pF GRM1885C2A8R4DA01# 8.5pF ±0.05pF GRM1885C2A8R5WA01# ±0.1pF GRM1885C2A8R5BA01# ±0.25pF GRM1885C2A8R5CA01# ±0.5pF GRM1885C2A8R5DA01# 8.6pF ±0.05pF GRM1885C2A8R6WA01# ±0.1pF GRM1885C2A8R6BA01# ±0.25pF GRM1885C2A8R6CA01# ±0.5pF GRM1885C2A8R6DA01# 8.7pF ±0.05pF GRM1885C2A8R7WA01# ±0.1pF GRM1885C2A8R7BA01# ±0.25pF GRM1885C2A8R7CA01# ±0.5pF GRM1885C2A8R7DA01# 8.8pF ±0.05pF GRM1885C2A8R8WA01# ±0.1pF GRM1885C2A8R8BA01# ±0.25pF GRM1885C2A8R8CA01# ±0.5pF GRM1885C2A8R8DA01# 8.9pF ±0.05pF GRM1885C2A8R9WA01# ±0.1pF GRM1885C2A8R9BA01# ±0.25pF GRM1885C2A8R9CA01# ±0.5pF GRM1885C2A8R9DA01# 9.0pF ±0.05pF GRM1885C2A9R0WA01# ±0.1pF GRM1885C2A9R0BA01# ±0.25pF GRM1885C2A9R0CA01# ±0.5pF GRM1885C2A9R0DA01# 9.1pF ±0.05pF GRM1885C2A9R1WA01# ±0.1pF GRM1885C2A9R1BA01# ±0.25pF GRM1885C2A9R1CA01# ±0.5pF GRM1885C2A9R1DA01# 9.2pF ±0.05pF GRM1885C2A9R2WA01# ±0.1pF GRM1885C2A9R2BA01# ±0.25pF GRM1885C2A9R2CA01# ±0.5pF GRM1885C2A9R2DA01# 9.3pF ±0.05pF GRM1885C2A9R3WA01# ±0.1pF GRM1885C2A9R3BA01# GRM Series Temperature Compensating Type Part Number List (→ 1.6×0.8mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.9mm 100Vdc C0G 9.3pF ±0.25pF GRM1885C2A9R3CA01# ±0.5pF GRM1885C2A9R3DA01# 9.4pF ±0.05pF GRM1885C2A9R4WA01# ±0.1pF GRM1885C2A9R4BA01# ±0.25pF GRM1885C2A9R4CA01# ±0.5pF GRM1885C2A9R4DA01# 9.5pF ±0.05pF GRM1885C2A9R5WA01# ±0.1pF GRM1885C2A9R5BA01# ±0.25pF GRM1885C2A9R5CA01# ±0.5pF GRM1885C2A9R5DA01# 9.6pF ±0.05pF GRM1885C2A9R6WA01# ±0.1pF GRM1885C2A9R6BA01# ±0.25pF GRM1885C2A9R6CA01# ±0.5pF GRM1885C2A9R6DA01# 9.7pF ±0.05pF GRM1885C2A9R7WA01# ±0.1pF GRM1885C2A9R7BA01# ±0.25pF GRM1885C2A9R7CA01# ±0.5pF GRM1885C2A9R7DA01# 9.8pF ±0.05pF GRM1885C2A9R8WA01# ±0.1pF GRM1885C2A9R8BA01# ±0.25pF GRM1885C2A9R8CA01# ±0.5pF GRM1885C2A9R8DA01# 9.9pF ±0.05pF GRM1885C2A9R9WA01# ±0.1pF GRM1885C2A9R9BA01# ±0.25pF GRM1885C2A9R9CA01# ±0.5pF GRM1885C2A9R9DA01# 10pF ±5% GRM1885C2A100JA01# 12pF ±5% GRM1885C2A120JA01# 15pF ±5% GRM1885C2A150JA01# 18pF ±5% GRM1885C2A180JA01# 22pF ±5% GRM1885C2A220JA01# 27pF ±5% GRM1885C2A270JA01# 33pF ±5% GRM1885C2A330JA01# 39pF ±5% GRM1885C2A390JA01# 47pF ±5% GRM1885C2A470JA01# 56pF ±5% GRM1885C2A560JA01# 68pF ±5% GRM1885C2A680JA01# 82pF ±5% GRM1885C2A820JA01# 100pF ±5% GRM1885C2A101JA01# 120pF ±5% GRM1885C2A121JA01# 150pF ±5% GRM1885C2A151JA01# 180pF ±5% GRM1885C2A181JA01# 220pF ±5% GRM1885C2A221JA01# 270pF ±5% GRM1885C2A271JA01# 330pF ±5% GRM1885C2A331JA01# 390pF ±5% GRM1885C2A391JA01# 470pF ±5% GRM1885C2A471JA01# 560pF ±5% GRM1885C2A561JA01# 680pF ±5% GRM1885C2A681JA01# 820pF ±5% GRM1885C2A821JA01# 1000pF ±5% GRM1885C2A102JA01# 1200pF ±5% GRM1885C2A122JA01# 1500pF ±5% GRM1885C2A152JA01# CK 0.50pF ±0.05pF GRM1884C2AR50WA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 79 |