công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH89F52P/044PR bảng dữ liệu(PDF) 88 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH89F52P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR bảng dữ liệu(HTML) 88 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 105 page
background image
SH88F516(SH88F54/SH89F52)
88
9.9 Power Management
9.9.1 Feature
 Two power saving modes: Idle mode and Power-Down mode
 Two ways to exit Idle and Power-Down mode: interrupt and reset
To reduce power consumption, SH88F516 supplies two power saving modes: Idle mode and Power-Down mode. These two
modes are controlled by PCON & SUSLO register.
9.9.2 Idle Mode
In this mode, the clock to CPU is frozen, the program execution is halted, and the CPU will stop at a defined state. But the
peripherals continue to be clocked. When entering idle mode, all the CPU status before entering will be preserved. Such as:
PSW, PC, SFR & RAM are all retained.
By two consecutive instructions: setting SUSLO register as 0x55, and immediately followed by setting the IDL bit in PCON
register, will make SH88F516 enter Idle mode. If the consecutive instruction sequence requirement is not met, the CPU will
clear either SUSLO register or IDL bit in the next machine cycle. And the CPU will not enter Idle mode. The setting of IDL bit will
be the last instruction that CPU executed.
There are two ways to exit Idle mode:
(1) An interrupt generated. After warm-up time, the clock to the CPU will be restored, and the hardware will clear SUSLO
register and IDL bit in PCON register. Then the program will execute the interrupt service routine first, and then jumps to the
instruction immediately following the instruction that activated Idle mode.
(2) Reset signal (logic high on the RESET pin, WDT RESET if enabled, LVR REST if enabled), this will restore the clock to the
CPU, the SUSLO register and the IDL bit in PCON register will be cleared by hardware, finally the SH88F2051/4051 will be
reset. And the program will execute from address 0000H. The RAM will keep unchanged and the SFR value might be
changed according to different function module.
9.9.3 Power-Down Mode
The Power-Down mode places the SH88F516 in a very low power state. Power-Down mode will stop all the clocks including
CPU and peripherals. If WDT is enabled, WDT block will keep on working. When entering Power-Down mode, all the CPU
status before entering will be preserved. Such as: PSW, PC, SFR & RAM are all retained.
By two consecutive instructions: setting SUSLO register as 0x55, and immediately followed by setting the PD bit in PCON
register, will make SH88F516 enter Power-Down mode. If the consecutive instruction sequence requirement is not met, the
CPU will clear either SUSLO register or PD bit in the next machine cycle. And the CPU will not enter Power-Down mode.
The setting of PD bit will be the last instruction that CPU executed.
Note: If IDL bit and PD bit are set simultaneously, the SH88F516 enters Power-Down mode. The CPU will not go in Idle mode
when exiting from Power-Down mode, and the hardware will clear both IDL & PD bit after exit form Power-Down mode.
There are three ways to exit the Power-Down mode:
(1) An active external Interrupt such as INT0, INT1 & INT4 will make SH88F516 exit Power-Down mode. The oscillator will start
after interrupt happens, after warm-up time, the clocks to the CPU and peripheral will be restored, the SUSLO register and
PD bit in PCON register will be cleared by hardware. Program execution resumes with the interrupt service routine. After
completion of the interrupt service routine, program execution resumes with the instruction immediately following the
instruction that activated Power-Down mode.
(2) Reset signal (logic high on the RESET pin, WDT RESET if enabled, LVR REST if enabled). This will restore the clock to the
CPU after warm-up time, the SUSLO register and the PD bit in PCON register will be cleared by hardware, finally the
SH88F516 will be reset. And the program will execute from address 0000H. The RAM will keep unchanged and the SFR
value might be changed according to different function module.
(3) CMP Interrupt will make SH88F516 exit Power-Down mode. The oscillator will start after interrupt happens, after warm-up
time, the clocks to the CPU and peripheral will be restored, the SUSLO register and PD bit in PCON register will be cleared
by hardware. Program execution resumes with the interrupt service routine. After completion of the interrupt service routine,
program execution resumes with the instruction immediately following the instruction that activated Power-Down mode.
Note: In order to entering Idle/Power-Down, it is necessary to add 3 NOPs after setting IDL/PD bit in PCON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com