công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH89F52P/044PR bảng dữ liệu(PDF) 43 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH89F52P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR bảng dữ liệu(HTML) 43 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 105 page
background image
SH88F516(SH88F54/SH89F52)
43
Table 8.23 Timer/Counter x Mode Register (x = 0,1)
89H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TMOD
GATE1
C/T1
———
M11
M10
GATE0
C/T0
———
M01
M00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7, 3
GATEx
x = 0, 1
Timer x Gate Control bits
0: Timer x is enabled whenever TRx control bit is set
1: Timer x is enabled only while INTx
——————
pin is high and TRx control bit is set
6, 2
C/Tx
———
x = 0, 1
Timer x Timer/Counter mode selected bits
0: Timer Mode, T0 or T1 pin is used as I/O port
1: Counter Mode
5-4
1-0
Mx[1:0]
x = 0, 1
Timer x Timer mode selected bits
00: Mode0, 13-bit up counter/timer, bit7- 5 of TLx is ignored
01: Mode1, 16-bit up counter/timer
10: Mode2, 8-bit auto-reload up counter/timer
11: Mode3 (only for Timer0), two 8-bit up timer
Table 8.24 Timer/Counter x Data Register (x = 0, 1)
8AH-8DH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TL0 (8AH)
TL0.7
TL0.6
TL0.5
TL0.4
TL0.3
TL0.2
TL0.1
TL0.0
TH0 (8CH)
TH0.7
TH0.6
TH0.5
TH0.4
TH0.3
TH0.2
TH0.1
TH0.0
TL1 (8BH)
TL1.7
TL1.6
TL1.5
TL1.4
TL1.3
TL1.2
TL1.1
TL1.0
TH1 (8DH)
TH1.7
TH1.6
TH1.5
TH1.4
TH1.3
TH1.2
TH1.1
TH1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
TLx.y, THx.y
x=0-1, y=0-7
Timer x Low & High byte counter
Table 8.25 定时器/计数器x控制寄存器(x = 0,1)
CEH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TCON1
-
TCLKS1
TCLKS0
-
-
-
-
-
R/W
-
R/W
R/W
-
-
-
-
-
Reset Value
(POR/WDT/LVR/PIN)
-
0
0
-
-
-
-
-
Bit Number
Bit Mnemonic
Description
6-5
TCLKSx
x = 0,1
Timer x Clock Source Control bits
0: Select system clock as Timer x Clock Source
1: Select 32.768kHz as Timer x Clock Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com