công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH89F52P/044PR bảng dữ liệu(PDF) 71 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH89F52P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR bảng dữ liệu(HTML) 71 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 105 page
background image
SH88F516(SH88F54/SH89F52)
71
Baud Rate Generate
In Mode0, the baud rate is programmable to either 1/12 or 1/4 of the system frequency. This baud rate is determined by SM2 bit.
When set to 0, the serial port runs at 1/12 of the system clock. When set to 1, the serial port runs at 1/4 of the system clock.
In Mode1 & Mode3, the baud rate can be selected from Timer1/2 overflow rate.
The Mode1 & 3 baud rate equations are shown below, where [RCAP2H, RCAP2L] is the 16-bit reload register for Timer2,
SMOD is the EUART baud rate doubler (PCON.7), T1CLK is the clock source of Timer1. T2CLK is the clock source of Timer2.
1
256
32
2
1
TH
f
BaudRate
T
SMOD
−
×
=
, Baud Rate using Timer1, working in Mode2.
]
2
,
2
[
65536
16
2
1
2
L
RCAP
H
RCAP
f
BaudRate
T
−
×
×
=
, Baud Rate using Timer2, the clock source of Timer2 is system clock.
]
2
,
2
[
65536
16
1
2
L
RCAP
H
RCAP
f
BaudRate
T
−
×
=
, Baud Rate using Timer2, the clock source of Timer2 is input clock of T2 pin
In Mode2, the baud rate is programmable to either 1/32 or 1/64 of the system clock. This baud rate is determined by the SMOD
bit (PCON.7). When this bit is set to 0, the serial port runs at 1/64 of the clock. When set to 1, the serial port runs at 1/32 of the
clock.
)
64
f
(
2
BaudRate
SYS
SMOD
×
=
Multi-Processor Communication
Software Address Recognition
Modes 2 and 3 of the EUART have a special provision for multi-processor communication. In these modes, 9 data bits are
received. The 9th bit goes into RB8. Then a stop bit follows. The EUART can be programmed such that when the stop bit is
received, the EUART interrupt will be activated (i.e. the request flag RI is set) only if RB8 = 1. This feature is enabled by setting
the bit SM2 in SCON.
A way to use this feature in multiprocessor communications is as follows. lf the master processor wants to transmit a block of
data to one of the several slaves, it first sends out an address byte which identifies the target slave. An address byte differs from
a data byte in that the 9th bit is 1 in an address byte and 0 in a data byte.
With SM2 = 1, no other slave will be interrupted by a data byte. An address byte, however, will interrupt all slaves, so that each
slave can examine the received byte and see if it is being addressed. The addressed slave will clear its SM2 bit and prepare to
receive the data bytes that will be coming. After having received a complete message, the slave sets SM2 again. The slaves
that were not addressed leave their SM2 set and go on with their business, ignoring the incoming data bytes.
Note: In mode 0, SM2 is used to select baud rate doubling. In mode 1, SM2 can be used to check the validity of the stop bit. If
SM2 = 1 in mode 1, the receive interrupt will not be activated unless a valid stop bit is received.
Automatic (Hardware) Address Recognition
In Mode2 & 3, setting the SM2 bit will configure EUART act as following: when a stop bit is received, EUART will generate an
interrupt only if the 9
th bit that goes into RB8 is logic 1 (address byte) and the received data byte matches the EUART slave
address. Following the received address interrupt, the slave should clear its SM2 bit to enable interrupts on the reception of the
following data byte(s).
The 9-bit mode requires that the 9
th information bit is a 1 to indicate that the received information is an address and not data.
When the master processor wants to transmit a block of data to one of the slaves, it first sends out the address of the targeted
slave (or slaves). All the slave processors should have their SM2 bit set high when waiting for an address byte, which ensures
that they will be interrupted only by the reception of an address byte. The Automatic address recognition feature further ensures
that only the addressed slave will be interrupted. The address comparison is done by hardware not software.
After being interrupted, the addressed slave clears the SM2 bit to receive data bytes. The un-addressed slaves will be
unaffected, as they will be still waiting for their address. Once the entire message is received, the addressed slave should set its
SM2 bit to ignore all transmissions until it receives the next address byte.
The Automatic Address Recognition feature allows a master to selectively communicate with one or more slaves by invoking
the Given Address. All of the slaves may be contacted by using the Broadcast address. Two special Function Registers are
used to define the slave’s address, SADDR, and the address mask, SADEN. The slave address is an 8-bit value specified in the
SADDR register. The SADEN register is actually a mask for the byte value in SADDR. If a bit position in SADEN is 0, then the
corresponding bit position in SADDR is don’t care. Only those bit positions in SADDR whose corresponding bits in SADEN are
1 are used to obtain the Given Address. This gives the user flexibility to address multiple slaves without changing the slave
address in SADDR. Use of the Given Address allows multiple slaves to be recognized while excluding others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com