công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH89F52P/044PR bảng dữ liệu(PDF) 36 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH89F52P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR bảng dữ liệu(HTML) 36 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 105 page
background image
SH88F516(SH88F54/SH89F52)
36
8.7.4 Port Share
The 40 bi-directional I/O ports can also share second or third special function. But the share priority should obey the Outer
Most Inner Lest rule:
The out most pin function in Pin Configuration has the highest priority, and the inner most pin function has the lowest priority.
This means when one pin is occupied by a higher priority function (if enabled), it cannot be used as the lower priority functional
pin , even the lower priority function is also enabled. Only until the higher priority function is closed by hardware or software, can
the corresponding pin be released for the lower priority function use.
When port share function is enabled, any read or write operation to port will only affect the data register while the port pin keeps
unchanged until all the share functions are disabled.
The 40 bi-directional I/O ports can provides some special functions:
PORT0:
- AN0 - AN7 (P0.0 - P0.7): ADC input channel
- Vref (P0.0): ADC external reference voltage
Table 8.17 PORT0 Share Table
Pin No.
Priority Function
Enable bit
TQFP48 QFP44 LQFP44
40
37
37
1
Vref
Set REFC bit in ADCON register
2
AN0
Set ADCH.0 bit in ADCH register and SCH[2:0] = 000 in ADCON register
3
P0.0
Clear REFC bit in ADCON register and ADCH.0 bit in ADCH register
39-33
36-30
36-30
1
AN1-7
Set ADCH.1-7 bits in ADCH register and SCH[2:0] = 001-111 in
ADCON register
2
P0.1-0.7
Clear ADCH.1 - 7 bits in ADCH register
PORT1:
- T2 (P1.0): Timer2 external input
- T2EX (P1.1): Timer2 capture function external input
- RXD1 (P1.2): EUART1 input
- TXD1 (P1.3): EUART1 output
- SS
-------
(P1.4): SPI slave select
- MOSI (P1.5): Master Output Slave Input
- MISO (P1.6): Master Input Slave Output
- SCK (P1.7): SPI clock
- CMP0P (P1.2): CMP0 positive input
- CMP0N (P1.3): CMP0 negative input
- CMP0O (P1.4): CMP0 output
Table 8.18 PORT1 Share Table
Pin No.
Priority Function
Enable bit
TQFP48 QFP44 LQFP44
43
40
40
1
T2
Set TR2 bit in T2CON register and set C/T2
-------
bit in T2MOD register
2
P1.0
Clear TR2 bit in T2CON register and C/T2
-------
bit in T2MOD register
44
41
41
1
T2EX
Set TR2 bit in T2CON register, set C/T2
-------
bit in T2MOD register,
EXEN2 = 1
2
P1.1
Clear TR2 bit in T2CON register, set C/T2
-------
bit in T2MOD register,
EXEN2 = 0
45
42
42
1
CMP0P
Set CMPEN bit in CMP0CON
2
RXD1
Set REN1 bit in SCON1 register
3
P1.2
Clear CMPEN bit in CMP0CON and REN1 bit in SCON1 register
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com