công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH89F52P/044PR bảng dữ liệu(PDF) 78 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH89F52P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR bảng dữ liệu(HTML) 78 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 105 page
background image
SH88F516(SH88F54/SH89F52)
78
Table 9.12 EUART1 Data Buffer Register
9DH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SBUF1
SBUF1.7
SBUF1.6
SBUF1.5
SBUF1.4
SBUF1.3
SBUF1.2
SBUF1.1
SBUF1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
SBUF1[7-0]
This SFR accesses two registers; a transmit shift register and a receive latch register
A write of SBUF1 will send the byte to the transmit shift register and then initiate a
transmission
A read of SBUF1 returns the contents of the receive latch
Table 9.13 EUART1 Slave Address & Address Mask Register
9EH-9FH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SADDR1
SADDR1.7 SADDR1.6 SADDR1.5 SADDR1.4 SADDR1.3 SADDR1.2 SADDR1.1 SADDR1.0
SADEN1
SADEN1.7 SADEN1.6 SADEN1.5 SADEN1.4 SADEN1.3 SADEN1.2 SADEN1.1 SADEN1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
SADDR1[7:0]
SFR SADDR defines the EUART1’s slave address
7-0
SADEN1[7:0]
SFR SADEN1 is a bit mask to determine which bits of SADDR1 are checked
against a received address
0: Corresponding bit in SADDR1 is a “don’t care”
1: Corresponding bit in SADDR1 is checked against a received address
Table 9.14 EUART1 Baudrate generator Register
A4H,9CH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SBRT1
SBRTEN
SBRT1.6
SBRT1.5
SBRT1.4
SBRT1.3
SBRT1.2
SBRT1.1
SBRT1.0
SBRT0
SBRT0.7
SBRT0.6
SBRT0.5
SBRT0.4
SBRT0.3
SBRT0.2
SBRT0.1
SBRT0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
SBRTEN
EUART Baudrate generator control bit
0: disable (default)
1: enable
6-0
SBRT1.6:0
High 7-bit of EUART1 baud-rate generator counter
7-0
SBRT0.7:0
Low 8-bit of EUART1 baud-rate generator counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com