công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH89F52P/044PR bảng dữ liệu(PDF) 20 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH89F52P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR bảng dữ liệu(HTML) 20 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 16Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 17Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 105 page
background image
SH88F516(SH88F54/SH89F52)
20
8.2 RAM
8.2.1 Feature
SH88F516 provides both internal RAM and external RAM for random data storage. The internal data memory is mapped into
four separated segments:
 The Lower 128 bytes of RAM (addresses 00H to 7FH) are directly and indirectly addressable
 The Upper 128 bytes of RAM (addresses 80H to FFH) are indirectly addressable only
 The Special Function Registers (SFR, addresses 80H to FFH) are directly addressable only
 The 1024 bytes of external RAM(addresses 00H to 3FFH) are indirectly accessed by MOVX instructions
The Upper 128 bytes occupy the same address space as SFR, but they are physically separate from SFR space. When an
instruction accesses an internal location above address 7FH, the CPU can distinguish whether to access the upper 128 bytes
data RAM or to access SFR by different addressing mode of the instruction.
Note: The unused addresses of SFR are not available.
3FFH
7FH
80H
0FFH
0FFH
80H
00
00
Upper
128 bytes
Internal
Ram
indirect accesses
Lower
128 bytes
Internal
Ram
direct or indirect
accesses
Extenal
RAM
Special Function
Register
direct accesses
The Internal and External RAM Configuration
The SH88F516 provides traditional method for accessing of external RAM. Use MOVXA, @Ri or MOVX @Ri, A; to access
external low 256 bytes RAM; MOVX A, @DPTR or MOVX @DPTR, A also to access external 1024 bytes RAM.
In SH88F516, the user can also use XPAGE register to access external RAM only with MOVX A, @Ri or MOVX @Ri, A
instructions. The user can use XPAGE to represent the high byte address of RAM above 256 Bytes.
In Flash SSP mode, the XPAGE can also be used as sector selector (Refer to SSP Function).
8.2.2 Register
Table 8.3 Data Memory Page Register
F7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XPAGE
XPAGE.7
XPAGE.6
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
XPAGE[7:0]
RAM Page Selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com