| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH89F52P/044PR bảng dữ liệu(PDF) 73 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH89F52P/044PR bảng dữ liệu(HTML) 73 Page - SINOWEALTH Electronic Ltd |
|
73 / 105 page ![]() SH88F516(SH88F54/SH89F52) 73 9.3.3 EUART1 The control and operation mode of EUART0 are similar to EUART0.The difference is that EUART1 has a baud-rate generator In other words, EUART1 can’t use Timer1/2 as baud-rate generator.Actually, the baud-rate generator of EUART1 is a 15-bit up counter. 15-bit timer ` To EUART1 Overflow Fsys From 7FFFH to 0000H SBRT1[6:0],SBRT0[7:0] Baudrate Generator for EUART1 SBRTEN=1 SBRT Fsys owrate SBRToverfl − = 32768 , ] 0 , 1 [ SBRT SBRT SBRT = 。 Mode0: The operation mode of EUART1 is similar to EUART0, the baud rate is programmable to either 1/12 or 1/4 of the system frequency. This baud rate is determined by SM12 bit. When set to 0, the serial port runs at 1/12 of the system clock. When set to 1, the serial port runs at 1/4 of the system clock. Mode1: The operation mode of EUART1 is similar to EUART0, baud-rate equation is shown below: 16 owrate SBRToverfl BaudRate = Mode2: The operation mode of EUART1 is similar to EUART0, baud-rate equation is shown below: 64 2 Fsys BaudRate SMOD × = , (SMOD is PCON.7) Mode3: The operation mode of EUART1 is similar to EUART0, baud-rate equation is shown below: 16 owrate SBRToverfl BaudRate = |