công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH89F52P/044PR bảng dữ liệu(PDF) 34 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH89F52P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR bảng dữ liệu(HTML) 34 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 105 page
background image
SH88F516(SH88F54/SH89F52)
34
Table 8.16 Port Data Register
80H,90H,A0H,B0H,C0H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
P0 (80H)
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
P1 (90H)
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
P2 (A0H)
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
P3 (B0H)
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
P4 (C0H)
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN) *
*
*
*
*
*
*
*
*
*: I/O data reset status can be set by code option, if as Quasi-Bi mode I/O data reset value is 0FFH or as Input-Only mode. I/O
data reset value is 00H.
Bit Number
Bit Mnemonic
Description
7-0
Px.y
x = 0-4, y = 0-7
Port Data Register
Note: All can be configured as N-channel open drain I/O, but voltage provided for this pin can’t exceed VDD + 0.3V.
8.7.3 Port Structure
Quasi-Bi Mode
Quasi-Bi I/O has 3 pull-up MOS to adapt to different needs: weak pull-up,very weak pull-up and strong pull-up.
Weak pull-up MOS: When Data register and pin are set 1, this pull-up provides the basic drive current that quasi-bidirectional
ports output high. External circuit pull the output-high pin to low, weak pull-up will be off and very weak pull-up will keep on. In
order to pull this pin low intensity, external circuit must have sufficient sink current capability to drop the voltage of port below
the threshold voltage.
Very weak pull-up MOS: Provide weak pull-up current to pull the pin high when port latch is 1 and the port is floating.
Strong pull-up Mos: When the port latch transition from 0 to 1, strong pull-up is used to speed up the quasi-bi port conversion
from logic 0 to logic 1 in almost 2 machine cycles.
Quasi-bi model port structure diagram is shown below.
2 clocks
delay
Port latch data
strong
VDD
VDD
Port
Pin
very
weak
weak
VDD
GND
Input data
Quasi-Bi Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com