công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH89F52P/044PR bảng dữ liệu(PDF) 86 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH89F52P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR bảng dữ liệu(HTML) 86 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 105 page
background image
SH88F516(SH88F54/SH89F52)
86
9.8 Watchdog Timer (WDT) and Reset State
9.8.1 Feature
 Auto detect Program Counter (PC) over range, and generate OVL Reset
 WDT runs even in the Power-Down mode
 Selectable different WDT overflow frequency
OVL Reset
To enhance the anti-noise ability, SH88F516 built in Program Counter (PC) over range detect circuit, if program counter value
is larger than flash romsize, or detect operation code equal to A5H which is not exist in 8051 instruction set, a OVL reset will be
generate to reset CPU, and set WDOF bit. So, to make use of this feature, you should fill unused flash rom with A5H.
Watchdog Timer
The watchdog timer is a down counter, and its clock source is an independent built-in RC oscillator, so it always runs even in the
Power-Down mode. The watchdog timer will generate a device reset when it overflows. It can be enabled or disabled
permanently by the code option.
The watchdog timer control bits (WDT.2-0) are used to select different overflow frequency. The watchdog timer overflow flag
(WDOF) will be automatically set to “1” by hardware when overflow happens. To prevent overflow happen, by reading or writing
the WDT register RSTSTAT, the watchdog timer should re-count before the overflow happens.
There are also some reset flags in this register as below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More