công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH89F52P/044PR bảng dữ liệu(PDF) 30 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH89F52P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR bảng dữ liệu(HTML) 30 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 105 page
background image
SH88F516(SH88F54/SH89F52)
30
8.5.4 Register
Table 8.13 System Clock Control Register
B2H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CLKCON
32K_SPDUP
CLKS1
CLKS0
SCMIF
RCON*
FS*
-
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
-
Reset Value
(POR/WDT/LVR/PIN)
1
1
1
0
0
0
-
-
Bit Number
Bit Mnemonic
Description
7
32K_SPDUP
32.768kHz oscillator speed up mode control bit
0: 32.768kHz oscillator normal mode, cleared by software.
1: 32.768kHz oscillator speed up mode, set by hardware or software.
This control bit is set by hardware automatically in all kinds of RESET such as
Power on reset, watch dog reset etc. to speed up the 32.768kHz Oscillator
oscillating, shorten the 32.768kHz oscillator start-oscillating time.
And this bit also can be set or cleared by software if necessary. Such as set before
entering Power-down mode and cleared when Power-down mode wakes up.
It should be noticed that turning off 32.768kHz oscillator speed up (clear this bit)
could reduce the system power consumption. Only when code option OP_OSC is
011, this bit is valid. (32.768kHz oscillator is selected, Refer to code option section
for details)
6-5
CLKS[1:0]
SYSCLK Prescaler Register
00: fSYS = fOSCS
01: fSYS = fOSCS/2
10: fSYS = fOSCS/4
11: fSYS = fOSCS/12
If 32.768kHz oscillator is selected as OSCSCLK, these control bits is invalid.
4
SCMIF
System Clock Monitor flag bit
0: Clear by hardware to indicate system clock is normal
1: Set by hardware to indicate system clock fails
3
RCON
Internal RC On control Register
0: Turn off Internal RC (Default)
1: Turn on Internal RC
Only when code option OP_OSC is 011, this bit is valid.
2
FS
Frequency Select Register
0: 32.768kHz is selected as OSCSCLK
1: Internal RC is selected as OSCSCLK
Only when code option OP_OSC is 011, this bit is valid.
Note:
1. RCON and FS is valid only when code option OP_OSC[2:0] is 011;
2. When Internal RC is used as OSCSCLK (that is RCON = 1 and FS = 1), RCON is can’t be cleared by software;
3. When OSCSCLK changed from 32.768kHz to Internal RC, the steps below must be done in sequence:
a. Set RCON = 1 to turn on the Internal RC;
b. Wait at least 2 Oscillator period;
c. Set FS = 1 to select SYSCLK as Internal RC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com