công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH89F52P/044PR bảng dữ liệu(PDF) 80 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH89F52P/044PR
Giải thích chi tiết về linh kiện  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR bảng dữ liệu(HTML) 80 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 105 page
background image
SH88F516(SH88F54/SH89F52)
80
9.4.3 ADC Register
Table 9.15 ADC Control Register
93H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADCON
ADON
ADCIF
EC
REFC
SCH2
SCH1
SCH0
GO/DONE
—---—-----—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
ADON
ADC Enable bit
0: Disable the ADC module
1: Enable the ADC module
6
ADCIF
ADC Interrupt Flag bit
0: No ADC interrupt, cleared by software.
1: Set by hardware to indicate that the AD Convert has been completed, or
analog input is larger than ADDH/ADDL if compare is enabled
5
EC
Compare Function Enable bit
0: Compare function disabled
1: Compare function enabled
4
REFC
Reference Voltage Select bit
0: the reference voltage connected to VDD
1: the reference voltage input from VREF pin
3-1
SCH[2:0]
ADC Channel Select bits
000: ADC channel AN0(Default)
001: ADC channel AN1
010: ADC channel AN2
011: ADC channel AN3
100: ADC channel AN4
101: ADC channel AN5
110: ADC channel AN6
111: ADC channel AN7
0
GO/DONE
—---—------—
ADC Status Flag bit
0: Automatically cleared by hardware when AD convert is completed. Clearing this
bit during converting time will stop current conversion. If Compare function is
enabled, this bit will not be cleared by hardware until software clear.
1: Set to start AD convert or digital compare.
Notes:
When select the reference voltage input from VREF pin (REFC = 1), the P0.0 is shared as VREF input rather than AN0 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com