công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 111 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 111 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 107Page - Analog Devices ADSP-SC596 Datasheet HTML 108Page - Analog Devices ADSP-SC596 Datasheet HTML 109Page - Analog Devices ADSP-SC596 Datasheet HTML 110Page - Analog Devices ADSP-SC596 Datasheet HTML 111Page - Analog Devices ADSP-SC596 Datasheet HTML 112Page - Analog Devices ADSP-SC596 Datasheet HTML 113Page - Analog Devices ADSP-SC596 Datasheet HTML 114Page - Analog Devices ADSP-SC596 Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 134 page
background image
Rev. PrD
|
Page 111 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Sony/Philips Digital Interface (S/PDIF) Transmitter
Serial data input to the S/PDIF transmitter can be formatted as left justified, I2S, or right justified with word widths of 16, 18, 20, or 24 bits.
The following sections provide timing for the transmitter.
S/PDIF Transmitter Serial Input Waveforms
Table 75 and Figure 52 show the right justified mode. Frame sync is high for the left channel and low for the right channel. Data is valid on
the rising edge of the serial clock. The MSB is delayed the minimum in 24-bit output mode or the maximum in 16-bit output mode from a
frame sync transition, so that when there are 64 serial clock periods per frame sync period, the LSB of the data is right justified to the next
frame sync transition.
Table 75. S/PDIF Transmitter Right Justified Mode
All specifications are based on simulation data and are subject to change without notice.
Parameter
Conditions
Nominal
Unit
Timing Requirement
tRJD
Frame Sync to MSB Delay in Right Justified Mode
16-bit word mode
16
SCLK0
18-bit word mode
14
SCLK0
20-bit word mode
12
SCLK0
24-bit word mode
8
SCLK0
Figure 52. Right Justified Mode
MSB
LEFT/RIGHT CHANNEL
LSB
LSB
MSB–1
MSB–2
LSB+2
LSB+1
DAI_P20–1
FS
DAI_P20–1
SCLK0
DAI_P20–1
SDATA
tRJD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com