| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM355CZCEA13 bảng dữ liệu(PDF) 159 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM355CZCEA13 bảng dữ liệu(HTML) 159 Page - Texas Instruments |
|
159 / 163 page ![]() TMS320DM355 www.ti.com SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010 6 Mechanical Data The following table(s) show the thermal resistance characteristics for the PBGA − ZCE mechanical package. Note that micro-vias are not required. Contact your TI representative for routing recommendations. 6.1 Thermal Data for ZCE The following table shows the thermal resistance characteristics for the PBGA − ZCE mechanical package. Table 6-1. Thermal Resistance Characteristics (PBGA Package) [ZCE] NO. °C/W(1) 1 R ΘJC Junction-to-case 7.2 2 R ΘJB Junction-to-board 11.4 3 R ΘJA Junction-to-free air 27.0 4 PsiJT Junction-to-package top 0.1 5 PsiJB Junction-to-board 11.3 (1) The junction-to-case measurement was conducted in a JEDEC defined 2S2P system and will change based on environment as well as application. For more information, see these three EIA/JEDEC standards: • EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air) • EIA/JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages 6.2 Packaging Information The following packaging information and addendum reflect the most current data available for the designated device(s). This data is subject to change without notice and without revision of this document. Note that micro-vias are not required for this package. Copyright © 2007–2010, Texas Instruments Incorporated Mechanical Data 159 Submit Documentation Feedback Product Folder Link(s): TMS320DM355 |