| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT9075B bảng dữ liệu(PDF) 62 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT9075B bảng dữ liệu(HTML) 62 Page - Mitel Networks Corporation |
|
62 / 78 page ![]() MT9075B Preliminary Information 62 Table 95 - HDLC Test Control Register (Pages 0BH & 0CH, Address 1BH) (continued) Bit Name Functional Description 7 - 0 Crc7 - 0 The LSB byte of the CRC received from the transmitter. These bits are as the transmitter sent them; that is, most significant bit first and inverted. This register is updated at the end of each received packet and therefore should be read when end of packet is detected. Table 93 - Receive CRC LSB Register (Pages 0BH & 0CH, Address 19H) Bit Name Functional Description 7 - 0 Cnt7 - 0 (0000 0000) The Transmit Byte Count Register. It is used to indicate the length of the packet about to be transmitted. When this register reaches the count of one, the next write to the Tx FIFO will be tagged as an end of packet byte. The counter decrements at the end of the write to the Tx FIFO. If the Cycle bit of Control Register 2 is set high, the counter will cycle through the programmed value continuously. Table 94 - Transmit Byte Count register (Pages B & C, Address 1AH) Bit Name Functional Description 7 HRST (0000 0000) HDLC Reset. When this bit is set to one, the HDLC will be reset. This is similar to RESET being applied, the only difference being that this bit will not be reset automatically. This bit can only be reset by writing a zero twice to this location or applying RESET. Bit Name Functional Description 6 RTloop (0) RT Loopback. When this bit is set to one, receive to transmit HDLC loopback will be activated. Receive data, including end of packet indication, but not including flags or CRC, will be written to the TX FIFO as well as the RX FIFO. When the transmitter is enabled, this data will be transmitted as though written by the microprocessor. Both good and bad packets will be looped back. Receive to transmit loopback may also be accomplished by reading the RX FIFO using the microprocessor and writing these bytes, with appropriate tags, into the TX FIFO. 5 RSV (0) Reserved; must be set to 0 for normal operation. 4 RSV (0) Reserved; must be set to 0 for normal operation. 3 RSV (0) Reserved; must be set to 0 for normal operation. 2 Ftst (0) FIFO Test. This bit when set to one allows the writing to the RX FIFO and reading of the TX FIFO through the microprocessor to allow more efficient testing of the FIFO status/ interrupt functionality. This is done by making a TX FIFO write become a RX FIFO write and a RX FIFO read become a TX FIFO read. In addition, EOP/FA and RQ8/RQ9 are re-defined to be accessible (i.e. RX write causes EOP/FA to go to RX fifo input; TX read looks at output of TX FIFO through RQ8/RQ9 bits). 1 RSV (0) Reserved; must be set to 0 for normal operation. 0 --- Unused. Table 95 - HDLC Test Control Register (Pages 0BH & 0CH, Address 1BH) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |