công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9075B bảng dữ liệu(PDF) 23 Page - Mitel Networks Corporation

tên linh kiện MT9075B
Giải thích chi tiết về linh kiện  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B bảng dữ liệu(HTML) 23 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 19Page - Mitel Networks Corporation MT9075B Datasheet HTML 20Page - Mitel Networks Corporation MT9075B Datasheet HTML 21Page - Mitel Networks Corporation MT9075B Datasheet HTML 22Page - Mitel Networks Corporation MT9075B Datasheet HTML 23Page - Mitel Networks Corporation MT9075B Datasheet HTML 24Page - Mitel Networks Corporation MT9075B Datasheet HTML 25Page - Mitel Networks Corporation MT9075B Datasheet HTML 26Page - Mitel Networks Corporation MT9075B Datasheet HTML 27Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
Preliminary Information
MT9075B
23
The MT9075B framing algorithm supports automatic
interworking of interfaces with and without CRC-4
processing capabilities. That is, if an interface with
CRC-4
capability,
achieves
valid
basic
frame
alignment, but does not achieve CRC-4 multiframe
alignment by the end of a predefined period, the
distant end is considered to be a non-CRC-4
interface. When the distant end is a non-CRC-4
interface, the near end automatically suspends
receive CRC-4 functions, continues to transmit CRC-
4 data to the distant end with its E-bits set to zero,
and provides a status indication. Naturally, if the
distant end initially achieves CRC-4 synchronization,
CRC-4 processing will be carried out by both ends.
This feature is selected when control bit AUTC (page
01H, address 11H) is set to zero.
Notes for Synchronization State Diagram
(Figure 10)
1) The basic frame alignment, signalling multiframe
alignment,
and
CRC-4
multiframe
alignment
functions operate in parallel and are independent.
2) The receive channel associated signalling bits and
signalling multiframe alignment bit will be frozen
when multiframe alignment is lost.
3) Manual re-framing of the receive basic frame
alignment and signalling multiframe alignment functi-
ons can be performed at any time.
4) The transmit RAI bit will be one until basic frame
alignment is established, then it will be zero.
5) E-bits can be optionally set to zero until the
equipment interworking relationship is established.
When this has been determined one of the following
will take place:
a) CRC-to-non-CRC operation - E-bits = 0,
b) CRC-to-CRC operation - E-bits as per G.704 and
I.431.
6) All manual re-frames and new basic frame
alignment searches start after the current frame
alignment signal position.
7) After basic frame alignment has been achieved,
loss of frame alignment will occur any time three
consecutive incorrect basic frame alignment signals
are received. Loss of basic frame alignment will reset
the complete framing algorithm.
8) When CRC-4 multiframing has been achieved, the
primary
basic
frame
alignment
and
resulting
multiframe alignment will be adjusted to the basic
frame
alignment
determined
during
CRC-4
synchronization. Therefore, the primary basic frame
alignment will not be updated during the CRC-4
multiframing search, but will be updated when the
CRC-4 multiframing search is complete.
Channel Signalling
When control bit TxCCS (page 01H, address 1AH) is
set to one, the MT9075B is in Common Channel
Signalling (CCS) mode. When TxCCS is low it is in
Channel Associated Signalling mode (CAS). The
CAS mode ABCD signalling nibbles can be passed
either via the micro-ports (when page 01H, address
1AH, bit 3, RPSIG = 1) or through related channels
of the CSTo and CSTi serial links (when RPSIG = 0).
Memory page 05H contains the receive ABCD
nibbles and page 06H the transmit ABCD nibbles for
micro-port CAS access.
In CAS operation an ABCD signalling bit debounce
of 14 msec. can be selected by writing a one to
DBNCE (page 02H, address 10H, bit 0)). This is
consistent with the signalling recognition time of ITU-
T Q.422. It should be noted that there may be as
much as 2 msec. added to this duration because
signalling
equipment
state
changes
are
not
synchronous with the PCM 30 multiframe.
If multiframe synchronization is lost (page 03H,
address 10H, bit 6, MFSYNC = 1) all receive CAS
signalling nibbles are frozen. Receive CAS nibbles
will
become
unfrozen
when
multiframe
synchronization is acquired.
When the CAS signalling interrupt is unmasked
(page 01H, address 1CH, bit 0, SIGI=0), pin IRQ (pin
12 in PLCC, 85 in MQFP) will become active when a
signalling nibble state change is detected in any of
the 30 receive channels. The SIGI interrupt vector
(page 04H, address 12H) is 01H.
In CCS mode the data transmit on channel 16 is
either sourced from channel 16 data on DSTi or from
the pin CSTi. If 64KCCS (page 01H, address 1AH,
bit 0) is zero the data is sourced from DSTi. If
64KCCS is high data destined for channel 16 is
clocked in from CSTi (pin 6 in PLCC, pin 71 in
MQFP) with an internal 64 KHz clock divided down
from C4b. Data received from channel 16 is clocked
out on CSTo (pin 5 in PLCC, pin 70 in MQFP). By
dividing down the extracted 2.048 MHz clock, a 64
kHz receive clock synchronous with the data is
created. This signal is output on Rx64KCK (pin 47 in
PLCC, pin 35 in MQFP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com