công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9075B bảng dữ liệu(PDF) 20 Page - Mitel Networks Corporation

tên linh kiện MT9075B
Giải thích chi tiết về linh kiện  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B bảng dữ liệu(HTML) 20 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 16Page - Mitel Networks Corporation MT9075B Datasheet HTML 17Page - Mitel Networks Corporation MT9075B Datasheet HTML 18Page - Mitel Networks Corporation MT9075B Datasheet HTML 19Page - Mitel Networks Corporation MT9075B Datasheet HTML 20Page - Mitel Networks Corporation MT9075B Datasheet HTML 21Page - Mitel Networks Corporation MT9075B Datasheet HTML 22Page - Mitel Networks Corporation MT9075B Datasheet HTML 23Page - Mitel Networks Corporation MT9075B Datasheet HTML 24Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
MT9075B
Preliminary Information
20
Two Status Register bits (RQ8 and RQ9) are
appended to each data byte as it is written to the Rx
FIFO. They indicate that a good packet has been
received (good FCS and no frame abort), or a bad
packet with either incorrect FCS or frame abort. The
Status and Interrupt Registers should be read before
reading the Rx FIFO since status and interrupt
information correspond to the byte at the output of
the FIFO (i.e., the byte about to be read). The Status
Register bits are encoded as follows:
RQ9
RQ8
Byte status
1
1
last byte (bad packet)
0
1
bad packet
1
0
last byte (good packet)
0
0
packet byte
The end-of-packet-detect (EOPD) interrupt indicates
that the last byte written to the RX FIFO was an EOP
byte.
The
end-of-packet-read
(EOPR)
interrupt
indicates that the byte about to be read from the RX
FIFO is an EOP byte. The Status Register should be
read to see if the packet is good or bad before the
byte is read.
A minimum size packet has an 8-bit address, an 8-bit
control byte, and a 16-bit FCS pattern between the
opening and closing flags. Thus, the absence of a
data transmission error and a frame length of at least
32 bits results in the receiver writing a valid packet
code with the EOP byte into RX FIFO. The last 16
bits before the closing flag are regarded as the FCS
pattern and will not be transferred to the receiver
FIFO.
Only
data
bytes
(Address,
Control,
Information) are loaded into the Rx FIFO.
In the case of an RX FIFO overflow, no clocking
occurs until a new opening flag is received. In other
words, the remainder of the packet is not clocked into
the FIFO. Also, the top byte of the FIFO will not be
written over. If the FIFO is read before the reception
of the next packet then reception of that packet will
occur. If two beginning of packet conditions (RQ9=0;
RQ8=1)
are
seen
in
the
FIFO,
without
an
intermediate EOP status, then overflow occurred for
the first packet.
The receiver may be enabled independently of the
transmitter. This is done by setting the RxEN bit of
Control Register 1. Enabling happens immediately
upon writing to the register. Disabling using RxEN
will occur after the present packet has been
completely loaded into the FIFO. Disabling can occur
during a packet if no bytes have been written to the
FIFO yet. Disabling will consist of disabling the
internal receive clock. The FIFO, Status, and
Interrupt Registers may still be read while the
receiver is disabled. Note that the receiver requires a
flag before processing a frame, thus if the receiver is
enabled in the middle of an incoming packet it will
ignore that packet and wait for the next complete
one.
The receive CRC (FCS) can be monitored in the Rx
CRC Registers (address 18H and 19H). These
registers contain the actual CRC sent by the other
transmitter in its original form, that is, MSB first and
bits inverted. These registers are updated by each
end of packet (closing flag) received and therefore
should be read when an end of packet is received so
that the next packet does not overwrite the registers.
Slip Buffer
In
addition
to
the
elastic
buffer
in
the
jitter
attenuator(JA), another elastic buffer (two frames
deep) is present, attached between the receive side
and the ST-BUS (or GCI Bus) side of the MT9075B.
This elastic buffer is configured as a slip buffer which
absorbs wander and low frequency jitter in multi-
trunk applications. The received PCM 30 data is
clocked into the slip buffer with the E2o clock and is
clocked out of the slip buffer with the C4b clock. The
E2o extracted clock is generated from, and is
therefore phase-locked with, the receive PCM 30
data. In normal operation, the E2o clock will be
phase-locked to the C4b clock by an external phase
locked loop (PLL). Therefore, in a single trunk
system the receive data is in phase with the E2o
clock, the C4b clock is phase-locked to the E2o
clock, and the read and write positions of the slip
buffer will remain fixed with respect to each other.
In a multi-trunk slave or loop-timed system (i.e.,
PABX application) a single trunk will be chosen as a
network
synchronizer,
which
will
function
as
described in the previous paragraph. The remaining
trunks will use the system timing derived from the
synchronizer to clock data out of their slip buffers.
Even though the PCM 30 signals from the network
are synchronous to each other, due to multiplexing,
transmission impairments and route diversity, these
signals may jitter or wander with respect to the
synchronizing trunk signal. Therefore, the E2o clocks
of non-synchronizer trunks may wander with respect
to the E2o clock of the synchronizer and the system
bus.
Network standards state that, within limits, trunk
interfaces must be able to receive error-free data in
the presence of jitter and wander (refer to network
requirements for jitter and wander tolerance). The
MT9075B will allow a maximum of 26 channels (208
UI, unit intervals) of wander and low frequency jitter
before a frame slip will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com