công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9075B bảng dữ liệu(PDF) 44 Page - Mitel Networks Corporation

tên linh kiện MT9075B
Giải thích chi tiết về linh kiện  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B bảng dữ liệu(HTML) 44 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 40Page - Mitel Networks Corporation MT9075B Datasheet HTML 41Page - Mitel Networks Corporation MT9075B Datasheet HTML 42Page - Mitel Networks Corporation MT9075B Datasheet HTML 43Page - Mitel Networks Corporation MT9075B Datasheet HTML 44Page - Mitel Networks Corporation MT9075B Datasheet HTML 45Page - Mitel Networks Corporation MT9075B Datasheet HTML 46Page - Mitel Networks Corporation MT9075B Datasheet HTML 47Page - Mitel Networks Corporation MT9075B Datasheet HTML 48Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
MT9075B
Preliminary Information
44
Table 39 - Timer Status Word
(Page 03H, Address 12H)
Table 40 - Receive Non-Frame Alignment Signal
(Page 03H, Address 13H)
Bit
Name
Functional Description
7
1SEC
One Second Timer Status. This bit
changes
state
once
every
0.5
second and is synchronous with the
2SEC timer.
6
2SEC
Two Second Timer Status. This bit
changes state once every second
and is synchronous with the 1SEC
timer.
5T1
Timer One. This bit will be high
after a signal has been received,
that
consists
of
non-normal
operation frames, and persists for
100 msec. This bit shall be low
when T2 becomes high. Refer to
I.431 Section 5.9.2.2.3.
4T2
Timer Two. This bit will be high
when
the
MT9075B
acquires
terminal
frame
synchronization
persisting for 10 msec. This bit shall
be
low
when
non-normal
operational frames are received.
I.431 Section 5.9.2.2.3.
3
400T
400 msec. Timer Status. This bit
changes state when the 400 msec.
CRC-4 multiframe alignment timer
expires.
28T
8 msec. Timer Status. This bit
changes state when the 8 msec.
CRC-4 multiframe alignment timer
expires.
1
CALN
CRC-4 Alignment. This bit changes
state every msec. When CRC-4
multiframe
alignment
has
been
achieved state changes of this bit
are synchronous with the receive
CRC-4 synchronization signal.
0
KLVE
Keep Alive. This bit is high when
the AIS status bit (page 03H,
address 19H) has been high for at
least 100msec. This bit will be low
when AIS goes low (I.431).
Bit
Name
Functional Description
7
RIU1
Receive International Use 1. This
bit is received on the PCM 30 2048
kbit/sec. link in bit position one of
the non-frame alignment signal. It is
used
for
CRC-4
multiframe
alignment or international use.
6
RNFAB
Receive
Non-frame
Alignment
Bit. This bit is received on the PCM
30 2048 kbit/sec. link in bit position
two of the non-frame alignment
signal. This bit should be one in
order
to
differentiate
between
frame alignment frames and non-
frame alignment frames.
5
RALM
Receive Alarm. This bit is received
on the PCM 30 2048 kbit/sec. link in
bit position three (the A bit) of the
non-frame alignment signal. It is
used as a remote alarm indication
(RAI) from the far end of the PCM
30 link (1 - alarm, 0 - normal).
4 - 0
RNU4-8 Receive National Use Four to
Eight. These bits are received on
the PCM 30 2048 kbit/sec. link in bit
positions four to eight (the Sa bits)
of the non-frame alignment signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com