công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9075B bảng dữ liệu(PDF) 50 Page - Mitel Networks Corporation

tên linh kiện MT9075B
Giải thích chi tiết về linh kiện  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B bảng dữ liệu(HTML) 50 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 46Page - Mitel Networks Corporation MT9075B Datasheet HTML 47Page - Mitel Networks Corporation MT9075B Datasheet HTML 48Page - Mitel Networks Corporation MT9075B Datasheet HTML 49Page - Mitel Networks Corporation MT9075B Datasheet HTML 50Page - Mitel Networks Corporation MT9075B Datasheet HTML 51Page - Mitel Networks Corporation MT9075B Datasheet HTML 52Page - Mitel Networks Corporation MT9075B Datasheet HTML 53Page - Mitel Networks Corporation MT9075B Datasheet HTML 54Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
MT9075B
Preliminary Information
50
Bit
Name
Functional Description
7
PRBSO
PRBS Error Counter Overflow.
This bit is set to one when the
PRBS Error Counter (page 04H
address
10H)
overflows.
It
is
cleared when this register is read.
6
FEBEO
E Bit Counter Overflow. This bit is
set to one when the E bit Counter
(page 04H, address 13H & 14H)
overflows. It is cleared when this
register is read.
5
JFO
Jitter Attenuator FIFO Counter
Overflow. This bit is set to one
when the Jitter Attenuator FIFO
Counter (page 04H, address 15H)
overflows. It is cleared when this
register is read.
4
LBO
Lost
of
Basic
Frame
Synchronization
Counter
Overflow. This bit is set to one
when the Loss of Basic Frame
Synchronization Counter (page 04H
address
17H)
overflows.
It
is
cleared when this register is read.
3
BERO
Bit Error Rate Counter Overflow.
This bit is set to one when the Bit
Error Rate Counter (page 04H,
address
18H)
overflows.
It
is
cleared when this register is read.
2
EFO
Errored Frame Alignment Signal
Counter Overflow. This bit is set to
one
when
the
Errored
Frame
Alignment Signal Counter (page
04H, address 1AH) overflows. It is
cleared when this register is read.
1
BPVO
Bipolar
Violation
Counter
Overflow. This bit is set high when
the Bipolar Violation Counter (page
04H,
address
1CH
&
1DH)
overflows. It is cleared when this
register is read.
0
CCO
CRC Error Counter Overflow. This
bit is set high when the CRC Error
Counter (page 04H, address 1EH &
1FH) overflows. It is cleared when
this register is read.
Table 56 - Overflow Reporting Latch
(Page 04H, Address 16H)
Bit
Name
Functional Description
7 - 0
LBF7
-
LBF0
Loss
of
Basic
Frame
Synchronization
Counter.
This
eight bit counter will be incremented
once for every 125 microsecond
period
in
which
basic
frame
synchronization is lost. It will be
cleared
by
a
basic
frame
synchronization to loss of basic
frame
synchronization
state
transition.
Table 57 - Loss of Basic Synchronization Counter
(Page 04H, Address 17H)
Bit
Name
Functional Description
7 - 0
BR7
-
BR0
Bit Error Rate Counter. An eight
bit counter that contains the total
number of errors in the frame
alignment signal.
Table 58 - Bit Error Rate Counter
(Page 04H, Address 18H)
Bit
Name
Functional Description
7 - 2
---
Unused
1
RCRC1
RAI and Continuous CRC Error
bit 1. This bit goes high when
received A (RAI) bits were high and
receive
E
bits
were
low,
continuously, for more than 10
milliseconds, but less than 450
milliseconds. This bit is cleared
when read.
0
RCRC0
RAI and Continuous CRC Error
Bit 0. This bit goes high when
received A (RAI) bits are high and
receive E bits are low, continuously,
for more than 10 milliseconds.
Table 59 - RAI With CRC Error Word
(Page 04H, Address 19H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com