công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9075B bảng dữ liệu(PDF) 11 Page - Mitel Networks Corporation

tên linh kiện MT9075B
Giải thích chi tiết về linh kiện  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B bảng dữ liệu(HTML) 11 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 7Page - Mitel Networks Corporation MT9075B Datasheet HTML 8Page - Mitel Networks Corporation MT9075B Datasheet HTML 9Page - Mitel Networks Corporation MT9075B Datasheet HTML 10Page - Mitel Networks Corporation MT9075B Datasheet HTML 11Page - Mitel Networks Corporation MT9075B Datasheet HTML 12Page - Mitel Networks Corporation MT9075B Datasheet HTML 13Page - Mitel Networks Corporation MT9075B Datasheet HTML 14Page - Mitel Networks Corporation MT9075B Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
Preliminary Information
MT9075B
11
Depending
on
the
mode
selected,
the
Jitter
Attenuator (JA) can attenuate either transmit clock
jitter or receive clock jitter, or be disconnected.
Control bits JAS, JAT/JAR (address 18H of page
02H) determine the JA selection under certain
modes. Table 2 shows the configuration of related
control pins and control bits required to place the
MT9075B in the appropriate jitter attenuation mode.
Referring to the mode names given in Table 2, the
basic operation of the jitter attenuation modes is
summarized as follows:
•In
SysBusSync (1-3) modes, pins C4b and
F0b are always configured as inputs, while in
the Line Synchronous and Free-Run modes
C4b and F0b are configured as outputs.
•In
SysBusSync1 mode, an external clock is
applied to C4b. The applied clock is
dejittered by the internal PLL before being
used to transmit data. The clock extracted
(with no jitter attenuation performed) from
the receive data can be monitored on pin
E2o.
•In
SysBusSync2 mode, the clock applied to
pin C4b is assumed to be jitter-free and is
directly used to transmit data. The internal
PLL is used to dejitter the extracted receive
clock. The dejittered receive clock is output
on pin E2o.
•In
SysBusSync3 mode, no jitter attenuation
is applied to either the transmit or receive
clocks. The transmit data is synchronized to
clock applied to pin C4b. The extracted
receive clock is not dejittered and is supplied
directly to the E2o output.
•In
Line Synchronous mode, the clock
extracted from the receive data is dejittered
using the internal PLL and then output on pin
C4b. Pin E2o provides the extracted receive
clock before it has been dejittered. The
transmit data is synchronous to the clean
receive clock.
•In
Free-Run mode the transmit data is
synchronized to the internally generated
clock. The internal clock is output on pin
C4b. The clock signal extracted from the
receive data is not dejittered and is output
directly on pin E2o.
The PCM 30 Interface
PCM 30 (E1) basic frames are 256 bits long and are
transmitted at a frame repetition rate of 8000 Hz,
which results in an aggregate bit rate of 256 bits x
8000/sec = 2.048 Mbits/sec. The actual bit rate is
2.048 Mbits/sec +/-50 ppm encoded in HDB3 format.
The HDB3 control bit (page 01H, address 15H, bit 5)
selects either HDB3 encoding or alternate mark
inversion (AMI) encoding. Basic frames are divided
into 32 time slots numbered 0 to 31, see Figure 31.
Each time slot is 8 bits in length and is transmitted
most significant bit first (numbered bit 1). This results
in a single time slot data rate of 8 bits x 8000/sec. =
64 kbits/sec.
It should be noted that the Mitel ST-BUS also has 32
channels numbered 0 to 31, but the most significant
bit of an eight bit channel is numbered bit 7 (see
Mitel Application Note MSAN-126). Therefore, ST-
BUS bit 7 is synonymous with PCM 30 bit 1; bit 6
with bit 2: and so on (Figure 31).
PCM 30 time slot 0 is reserved for basic frame
alignment, CRC-4 multiframe alignment and the
communication of maintenance information. In most
configurations time slot 16 is reserved for either
Channel Associated Signalling (CAS or ABCD bit
signalling) or Common Channel Signalling (CCS).
The remaining 30 time slots are called channels and
carry either PCM encoded voice signals or digital
Table 2 - Selection of Clock Jitter Attenuation Modes
Mode Name
BS/LS
BL/FR
JAS
JAT/JAR
Note
SysBusSync1
1
1
1
1
JA on Tx side; No JA on Rx side
SysBusSync2
1
1
1
0
JA on Rx side; No JA on Tx side
SysBusSync3
1
1
0
x
No JA on Tx or Rx side
Line
Synchronous
0
1
x
x
By default, JA is on the receive side.
Controls bits need not be selected.
Free-Run
x
0
x
x
In free-run mode JA will be automatically
disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com