công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9075B bảng dữ liệu(PDF) 51 Page - Mitel Networks Corporation

tên linh kiện MT9075B
Giải thích chi tiết về linh kiện  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B bảng dữ liệu(HTML) 51 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 47Page - Mitel Networks Corporation MT9075B Datasheet HTML 48Page - Mitel Networks Corporation MT9075B Datasheet HTML 49Page - Mitel Networks Corporation MT9075B Datasheet HTML 50Page - Mitel Networks Corporation MT9075B Datasheet HTML 51Page - Mitel Networks Corporation MT9075B Datasheet HTML 52Page - Mitel Networks Corporation MT9075B Datasheet HTML 53Page - Mitel Networks Corporation MT9075B Datasheet HTML 54Page - Mitel Networks Corporation MT9075B Datasheet HTML 55Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
Preliminary Information
MT9075B
51
Bit
Name
Functional Description
7 - 0
EFAS7
-
EFAS0
Errored FAS Counter. An 8 bit
counter that is incremented once for
every
receive
frame
alignment
signal that contains one or more
errors.
Table 60 - Errored Frame Alignment Signal
Counter (Page 04H, Address 1AH)
Bit
Name
Functional Description
7
RAI
Remote Alarm Indication. This bit
is set to one in the event of receipt
of a remote alarm, i.e. A(RAI) = 1. It
is cleared when the register is read.
6
AIS
Alarm Indication Signal. This bit is
set to one in the event of receipt of
an all ones alarm. It is cleared when
the register is read.
5
AIS16
AIS Time Slot 16 Alarm. This bit is
set to one in the event of receipt of
an all ones alarm in the time slot 16.
It is cleared when the register is
read.
4
LOS
Loss of Signal. This bit is set to
one in the event of loss of received
signal.
It
is
cleared
when
the
register is read.
3
AUXP
Auxiliary Alarm. This bit is set to
one in the event of receipt of the
auxiliary alarm pattern. It is cleared
when the register is read.
2
MFALM
Multiframe Alarm. This bit is set to
one in the event of receipt of a
multiframe alarm. It is cleared when
the register is read.
1
RSLIP
Received Slip. This bit is set to one
in the event of receive elastic buffer
slip. It is cleared when the register is
read.
0
- - -
Unused.
Table 61 - Alarm Reporting Latch
(Page 04H, Address 1BH)
Bit
Name
Functional Description
7 - 0
BPV15
-
BPV8
BPV Counter. The most significant
eight bits of a 16 bit counter that is
incremented once for every bipolar
violation error received.
Table 62 - Most Significant Bits of the BPV
Counter (Page 04H, Address 1CH)
Bit
Name
Functional Description
7 - 0
BPV7
-
BPV0
BPV Counter. The least significant
eight bits of a 16 bit counter that is
incremented once for every bipolar
violation error received.
Table 63 - Least Significant Bits of the PBV
Counter (Page 04H, Address 1DH)
Bit
Name
Functional Description
7 - 2
- - -
Unused
1 - 0
CC9-
CC8
CRC-4 Error Counter. The most
significant eight bits of the CRC-4
error counter.
Table 64 - CRC-4 Error Counter
(Page 04H, Address 1EH)
Bit
Name
Functional Description
7 - 0
CC7-
CC0
CRC-4 Error Counter. The least
significant eight bits of the CRC-4
error counter.
Table 65 - CRC-4 Error Counter
(Page 04H, Address 1FH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com