công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9075B bảng dữ liệu(PDF) 12 Page - Mitel Networks Corporation

tên linh kiện MT9075B
Giải thích chi tiết về linh kiện  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B bảng dữ liệu(HTML) 12 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 8Page - Mitel Networks Corporation MT9075B Datasheet HTML 9Page - Mitel Networks Corporation MT9075B Datasheet HTML 10Page - Mitel Networks Corporation MT9075B Datasheet HTML 11Page - Mitel Networks Corporation MT9075B Datasheet HTML 12Page - Mitel Networks Corporation MT9075B Datasheet HTML 13Page - Mitel Networks Corporation MT9075B Datasheet HTML 14Page - Mitel Networks Corporation MT9075B Datasheet HTML 15Page - Mitel Networks Corporation MT9075B Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
MT9075B
Preliminary Information
12
data. Channel alignment and bit numbering is
consistent
with
time
slot
alignment
and
bit
numbering. However, channels are numbered 1 to 30
and relate to time slots as per Table 3.
Table 3 - Time Slot to Channel Relationship
Basic Frame Alignment
Time slot 0 of every basic frame is reserved for basic
frame alignment and contains either a Frame
Alignment Signal (FAS) or a Non-Frame Alignment
Signal (NFAS). FAS and NFAS occur in time slot zero
of consecutive basic frames as shown in Table 7. Bit
two is used to distinguish between FAS (bit two = 0)
and NFAS (bit two = 1).
Basic frame alignment is initiated by a search for the
bit sequence 0011011 which appears in the last
seven bit positions of the FAS, see the Frame
Algorithm section. Bit position one of the FAS can be
either a CRC-4 remainder bit or an international
usage bit.
Bits four to eight of the NFAS (i.e., Sa4 - Sa8) are
additional spare bits which may be used as follows:
•Sa4 to Sa8 may be used in specific point-to-point
applications
(e.g.
transcoder
equipments
conforming to G.761).
•Sa4 may be used as a message-based data link
for operations, maintenance and performance
monitoring.
•Sa5 to Sa8 are for national usage.
A maintenance channel or data link at 4,8,12,16,or
20 kHz for selected Sa bits is provided by the
MT9075B to implement these functions. Note that for
simplicity all Sa bits including Sa4 are collectively
called national bits throughout this document.
Bit three (designated as “A”), the Remote Alarm
Indication (RAI), is used to indicate the near end
basic frame synchronization status to the far end of a
link. Under normal operation, the A (RAI) bit should
be set to 0, while in alarm condition, it is set to 1.
Bit position one of the NFAS can be either a CRC-4
multiframe
alignment
signal,
an
E-bit
or
an
international usage bit. Refer to an approvals
laboratory and national standards bodies for specific
requirements.
CRC-4 Multiframing
The primary purpose for CRC-4 multiframing is to
provide a verification of the current basic frame
alignment, although it can also be used for other
functions such as bit error rate estimation. The CRC-
4 multiframe consists of 16 basic frames numbered 0
to 15, and has a repetition rate of 16 frames X 125
microseconds/frame = 2 msec.
CRC-4 multiframe alignment is based on the 001011
bit sequence, which appears in bit position one of the
first six NFASs of a CRC-4 multiframe.
The
CRC-4
multiframe
is
divided
into
two
submultiframes, numbered 1 and 2, which are each
eight basic frames or 2048 bits in length.
The CRC-4 frame alignment verification functions as
follows. Initially, the CRC-4 operation must be
activated and CRC-4 multiframe alignment must be
achieved at both ends of the link. At the local end of
a link, all the bits of every transmit submultiframe are
passed through a CRC-4 polynomial (multiplied by
X4 then divided by X4 + X + 1), which generates a
four bit remainder. This remainder is inserted in bit
position one of the four FASs of the following
submultiframe before it is transmitted (see Table 7).
The submultiframe is then transmitted and, at the far
end, the same process occurs. That is, a CRC-4
remainder
is
generated
for
each
received
submultiframe. These bits are compared with the bits
received in position one of the four FASs of the next
received submultiframe. This process takes place in
both directions of transmission.
When more than 914 CRC-4 errors (out of a possible
1000) are counted in a one second interval, the
framing algorithm will force a search for a new basic
frame alignment. See Frame Algorithm section for
more details.
The result of the comparison of the received CRC-4
remainder with the locally generated remainder will
be transported to the far end by the E-bits.
Therefore, if E1 = 0, a CRC-4 error was discovered in
a submultiframe 1 received at the far end; and if E2 =
0, a CRC-4 error was discovered in a submultiframe
2
received
at
the
far
end.
No
submultiframe
sequence numbers or re-transmission capabilities
are supported with layer 1 PCM 30 protocol. See
ITU-T G.704 and G.706 for more details on the
operation of CRC-4 and E-bits.
PCM 30
Timeslot
0
1 2 3...15
16
17 18 19...31
Voice/Data
Channels
x
1 2 3...15
x
16 17 18...30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com