công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9075B bảng dữ liệu(PDF) 60 Page - Mitel Networks Corporation

tên linh kiện MT9075B
Giải thích chi tiết về linh kiện  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B bảng dữ liệu(HTML) 60 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 56Page - Mitel Networks Corporation MT9075B Datasheet HTML 57Page - Mitel Networks Corporation MT9075B Datasheet HTML 58Page - Mitel Networks Corporation MT9075B Datasheet HTML 59Page - Mitel Networks Corporation MT9075B Datasheet HTML 60Page - Mitel Networks Corporation MT9075B Datasheet HTML 61Page - Mitel Networks Corporation MT9075B Datasheet HTML 62Page - Mitel Networks Corporation MT9075B Datasheet HTML 63Page - Mitel Networks Corporation MT9075B Datasheet HTML 64Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
MT9075B
Preliminary Information
60
Table 88 - HDLC Status Register
(Pages 0BH & 0CH, Address 14H)
Bit
Name
Functional Description
3, 2
Txstat2,
Txstat1
Transmit
Status.
These
bits
indicate the status of the TX FIFO
as follows:
Txsta
t2
Txsta
t1
TX FIFO Status
0
0
TX FIFO full up to
the selected status
level or more. See
Table 93.
01
The number of bytes
in the TX FIFO has
reached
or
exceeded
the
selected
interrupt
threshold level. See
Table 94.
1
0
TX FIFO empty.
1
1
The number of bytes
in the TX FIFO is
less
than
the
selected
interrupt
threshold level. See
Table 94.
1, 0
Rxstat2,
Rxstat1
Receive
Status.
These
bits
indicate the status of the RX FIFO
as follows:
Rxsta
t2
Rxsta
t1
RX FIFO Status
0
0
RX FIFO empty.
0
1
The number of bytes
in the RX FIFO is
less
than
the
selected
threshold
level. See Table 94.
1
0
RX FIFO full up to
the selected status
level or more. See
Table 93.
11
The number of bytes
in the RX FIFO has
reached
or
exceeded
the
selected
interrupt
threshold level. See
Table 94.
Bit
Name
Functional Description
7
Intsel
(0)
Interrupt Selection. When one, this
bit will cause bit 2 of the Interrupt
Register to reflect a TX FIFO
underrun (TXunder). When zero,
this interrupt will reflect a frame
abort (FA).
6
Cycle
(0)
When one, this bit will cause the
transmit byte count to cycle through
the value loaded into the Transmit
Byte Count Register.
5
Tcrci
(0)
Transmit CRC Inhibited. When
one, this bit will inhibit transmission
of the CRC. That is, the transmitter
will not insert the computed CRC
onto the bit stream after seeing the
EOP tag byte. This is used in V.120
terminal adaptation for synchronous
protocol sensitive UI frames.
4
Seven
(0)
Seven Bits Address Recognition.
When one, this bit will enable seven
bits of address recognition in the
first address byte. The received
address byte must have bit 0 equal
to
1
which
indicates
a
single
address byte is being received.
3
RSV
(0)
Reserved, must be zero for normal
operation.
2
RSV
(0)
Reserved, must be zero for normal
operation.
1
Rxfrst
(0)
RX FIFO Reset. When one, the RX
FIFO will be reset. This causes the
receiver to be disabled until the next
reception of a flag. The status
register will identify the FIFO as
being empty. However, the actual
bit values in the RX FIFO will not be
reset.
0
Txfrst
(0)
TX FIFO Reset. When one, the TX
FIFO will be reset. The Status
Register will identify the FIFO as
being empty. This bit will be reset
when data is written to the TX FIFO.
However, the actual bit values of
data in the TX FIFO will not be
reset. It is cleared by the next write
to the TX FIFO.
Table 89 - HDLC Control Register 2
(Pages 0BH & 0CH, Address 15H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com