| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT9075B bảng dữ liệu(PDF) 58 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT9075B bảng dữ liệu(HTML) 58 Page - Mitel Networks Corporation |
|
58 / 78 page ![]() MT9075B Preliminary Information 58 Table 83 - HDLC Address Recognition Register1 (Page 0BH & 0CH, Address 10H) Bit Name Functional Description 7 - 2 Adr16 - Adr11 (000000) A six bit mask used to interrogate the first byte of the received address. Adr16 is the MSB. 1 Adr10 (0) This bit is used in address comparison, if control bit Seven, bit 4 of HDLC Control Register 2 (address 15H) is one. 0 A1en (0) When this bit is high, this six (or seven) bit mask is used in address comparison of the first address byte. If address recognition is enabled, any packet failing the address comparison will not be stored in the RX FIFO. A1en must be high for All- call (1111111) address recognition for single byte address. When this bit is low, this bit mask is ignored in address comparison Bit Name Functional Description 7 - 1 Ad26 - Ad20 (000000) A seven bit mask used to interrogate the second byte of the received address. Adr26 is MSB. This mask is ignored (as well as first byte mask) if all call address (1111111) is received. 0 A2en (0) When this bit is one, this seven bit mask is used in address comparison of the second address byte. If address recognition is enabled, any packet failing the address comparison will not be stored in the Rx FIFO. A2en must be one for All- call address recognition. When this bit is zero, this bit mask is ignored in address comparison Table 84 - HDLC Address Recognition Register 2 (Pages 0BH & 0CH, Address 11H) Bit Name Functional Description 7 - 0 Bit7 - Bit0 This eight bit word is tagged with the two status bits (EOP and FA) from the Control Register 1, and the resulting 10 bit word is written to the TX FIFO. The FIFO status is not changed immediately after a write or read occurs. It is updated after the data and the read/write pointers have settled. Table 85 - TX FIFO Write Register (Pages 0BH & 0CH, Address 12H) Bit Name Functional Description 7 - 0 Bit7 - Bit0 This is the received data byte read from the RX FIFO. The status bits of this byte can be read from the status register. The FIFO status is not changed immediately when a write or read occurs. It is updated after the data and the read/write pointers have settled. Table 86 - RX FIFO Read Register (Pages 0BH & 0CH, Address 12H) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |