công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9075B bảng dữ liệu(PDF) 54 Page - Mitel Networks Corporation

tên linh kiện MT9075B
Giải thích chi tiết về linh kiện  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B bảng dữ liệu(HTML) 54 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 50Page - Mitel Networks Corporation MT9075B Datasheet HTML 51Page - Mitel Networks Corporation MT9075B Datasheet HTML 52Page - Mitel Networks Corporation MT9075B Datasheet HTML 53Page - Mitel Networks Corporation MT9075B Datasheet HTML 54Page - Mitel Networks Corporation MT9075B Datasheet HTML 55Page - Mitel Networks Corporation MT9075B Datasheet HTML 56Page - Mitel Networks Corporation MT9075B Datasheet HTML 57Page - Mitel Networks Corporation MT9075B Datasheet HTML 58Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
MT9075B
Preliminary Information
54
Per Time Slot Control Words (Pages 07H and 08H)
The control functions described by Table 69 are repeated for each PCM-30 channel. Page 07H addresses 10H to
1FH correspond to time slots 0 to 15, while page 08H addresses 10H to 1FH correspond to time slots 16 to 31.
Table 72 - Mapping to CEPT Channels
(Page 07H and 08H)
Table 73 - Per Time Slot Control Word
(Page 07H and 08H)
Page 07H Address:
012345678910
11
12
13
14
15
Equivalent
PCM
30
Timeslots
012345678910
11
12
13
14
15
Page 08H Address:
012345678910
11
12
13
14
15
Equivalent
PCM
30
Timeslots
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Bit
Name
Functional Description
7
TXMSG
(0)
Transmit Message Mode. If one, the data from the corresponding
address location of Tx message mode buffer is transmitted in the
corresponding PCM 30 time slot. If zero, the data on DSTi is transmitted
on the corresponding PCM 30 time slot. Tx message mode buffer are
accessed from pages 0FH and 10H.
6
ADI
(0)
Alternate Digit Inversion. If one, the corresponding transmit time slot
data on DSTi has every second bit inverted, and the corresponding PCM
30 receive time slot has every second bit inverted. If zero, this bit has no
effect on channel data.
5
RTSL
(0)
Remote Time Slot Loopback. If one, the corresponding PCM 30
receive time slot is looped to the corresponding PCM 30 transmit time
slot. This received time slot will also be present on DSTo. If zero, the
loopback is disabled.
4
LTSL
(0)
Local Time Slot Loopback. If one, the corresponding transmit time slot
is looped to the corresponding receive time slot. This transmit time slot
will also be present on the transmit PCM 30 stream. If zero, this loopback
is disabled.
3
TTST
(0)
Transmit Test. If one and control bit ADSEQ (page 02H, address 13H)
is one, the A-law digital milliwatt will be transmitted in the corresponding
PCM 30 time slot. When one and ADSEQ is zero, a Pseudo-Random Bit
Sequence (PRBS 215-1) will be transmitted is the corresponding PCM 30
time slot. More than one time slot may be activated at once. If zero,
neither of these test signals will be connected to the corresponding time
slot.
2
RRST
(0)
Receive Test. If one and control bit ADSEQ (page 02H, address 13H) is
one, the A-law digital milliwatt will be transmitted in the corresponding
DSTo time slot. When one and ADSEQ is zero, a Pseudo Random Bit
Sequence (PRBS 215-1) receiver will be connected to the corresponding
time slot. This receiver circuit will synchronize to the transmit PRBS
signal and perform a bit comparison of the two sequences. If zero,
neither of these test signals will be connected to the corresponding time
slot.
1
---
Unused.
0
---
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com