công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT9075B bảng dữ liệu(PDF) 9 Page - Mitel Networks Corporation

tên linh kiện MT9075B
Giải thích chi tiết về linh kiện  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITEL [Mitel Networks Corporation]
Trang chủ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B bảng dữ liệu(HTML) 9 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 5Page - Mitel Networks Corporation MT9075B Datasheet HTML 6Page - Mitel Networks Corporation MT9075B Datasheet HTML 7Page - Mitel Networks Corporation MT9075B Datasheet HTML 8Page - Mitel Networks Corporation MT9075B Datasheet HTML 9Page - Mitel Networks Corporation MT9075B Datasheet HTML 10Page - Mitel Networks Corporation MT9075B Datasheet HTML 11Page - Mitel Networks Corporation MT9075B Datasheet HTML 12Page - Mitel Networks Corporation MT9075B Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
Preliminary Information
MT9075B
9
Figure 4 - Analog Line Interface
The template for the transmitted pulse, as specified in
G703, is shown in Figure 5. The nominal peak voltage
of a mark is 3 volts for 120
Ω twisted pair applications
and 2.37 volts for 75
Ω coax applications. The ratio of
the amplitude of the transmit pulses generated by TTP
and TRING is between 0.95 and 1.05.
Figure 5 - Pulse Template (G.703)
Transformer Recommendation
Table 1 shows a list of recommended transformers
for the MT9075B line interface.
Table 1 - Transformer Manufacturers and Part
Numbers
Timing Source
The MT9075B can use either a clock or crystal,
connecting to pins OSC1 and OSC2, as the
reference timing source.
Figure 6 shows a 20MHz clock oscillator, with 50ppm
tolerance, directly connected to the OSC1 pin of the
MT9075B.
Figure 6 - Clock Oscillator Circuit
Alternatively, a crystal oscillator may be used. A
complete oscillator circuit made up of a crystal,
resistors and capacitors is shown in Figure 7. The
crystal specification is as follows.
Frequency:
20MHz
Tolerance:
50ppm
Oscillation Mode:
Fundamental
Resonance Mode:
Parallel
Load Capacitance:
32pF
Maximum Series Resistance:
35
Approximate Drive Level:
1mW
TTIP
TRING
RTIP
RRING
1:2
1:1
RT
0.68uF
* 2.4
Ω resistors are only
required with 75
Ω coax
RT
120
Ω/
75Ω
MT9075B
Tx
Rx
269nS
244nS
194nS
219nS
488nS
Nominal Pulse
120
110
90
100
80
50
10
0
-10
-20
Percentage of
Nominal Peak
Manufacturer
For Tx
For Rx
Filtran
5721-1
5721-2
Pulse Engineering
PE-65351
PE-64934
Midcom
50027
50026
OSEC
02934/A
02935/A
MT9075B
OSC1
OSC2
(open)
20MHz
OUT
Vdd
GND
+5V
.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com