công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4228 bảng dữ liệu(PDF) 51 Page - STMicroelectronics

tên linh kiện AN4228
Giải thích chi tiết về linh kiện  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 bảng dữ liệu(HTML) 51 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 47Page - STMicroelectronics AN4228 Datasheet HTML 48Page - STMicroelectronics AN4228 Datasheet HTML 49Page - STMicroelectronics AN4228 Datasheet HTML 50Page - STMicroelectronics AN4228 Datasheet HTML 51Page - STMicroelectronics AN4228 Datasheet HTML 52Page - STMicroelectronics AN4228 Datasheet HTML 53Page - STMicroelectronics AN4228 Datasheet HTML 54Page - STMicroelectronics AN4228 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
DocID024110 Rev 5
51/90
AN4228
Firmware migration using the library
89
void
ADC_RegularChannelConfig(AD
C_TypeDef* ADCx, uint8_t
ADC_Channel, uint8_t Rank,
uint8_t ADC_SampleTime);
void
ADC_RegularChannelConfig(ADC_
TypeDef* ADCx, uint8_t
ADC_Channel, uint8_t Rank,
uint8_t ADC_SampleTime);
void
ADC_RegularChannelConfig(ADC_
TypeDef* ADCx, uint8_t
ADC_Channel, uint8_t Rank,
uint8_t ADC_SampleTime);
NA
NA
void
ADC_RegularChannelSequencerLe
ngthConfig(ADC_TypeDef* ADCx,
uint8_t SequencerLength);
void
ADC_ExternalTrigConvCmd(ADC
_TypeDef* ADCx,
FunctionalState NewState);
void
ADC_ExternalTrigConvCmd(ADC_
TypeDef* ADCx, FunctionalState
NewState);
void
ADC_ExternalTriggerConfig(ADC_
TypeDef* ADCx, uint16_t
ADC_ExternalTrigConvEvent,
uint16_t
ADC_ExternalTrigEventEdge);
void
ADC_SoftwareStartConv(ADC_T
ypeDef* ADCx);
void
ADC_SoftwareStartConv(ADC_Typ
eDef* ADCx);
void
ADC_StartConversion(ADC_TypeD
ef* ADCx);
FlagStatus
ADC_GetSoftwareStartConvStatu
s(ADC_TypeDef* ADCx);
FlagStatus
ADC_GetSoftwareStartConvStatus(
ADC_TypeDef* ADCx);
FlagStatus
ADC_GetStartConversionStatus(AD
C_TypeDef* ADCx);
NA
NA
void
ADC_StopConversion(ADC_TypeD
ef* ADCx);
void
ADC_DiscModeChannelCountCo
nfig(ADC_TypeDef* ADCx,
uint8_t Number);
void
ADC_DiscModeChannelCountConfi
g(ADC_TypeDef* ADCx, uint8_t
Number);
void
ADC_DiscModeChannelCountConfi
g(ADC_TypeDef* ADCx, uint8_t
Number);
Table 23. STM32F10x and STM32F3xx ADC driver API correspondence (continued)
STM32F10x ADC driver API
STM32F37x ADC driver API
STM32F30x ADC driver API



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90