| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4228 bảng dữ liệu(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 bảng dữ liệu(HTML) 59 Page - STMicroelectronics |
|
59 / 90 page ![]() DocID024110 Rev 5 59/90 AN4228 Firmware migration using the library 89 4.9 DAC driver The table below describes the difference between STM32F10x functions and STM32F3xx libraries. Table 24. STM32F10x and STM32F3xx DAC driver API correspondence STM32F10x DAC driver API STM32F3xx DAC driver API void DAC_DeInit(void); void DAC_DeInit(DAC_TypeDef* DACx); void DAC_Init(uint32_t DAC_Channel, DAC_InitTypeDef* DAC_InitStruct); void DAC_Init(DAC_TypeDef* DACx, uint32_t DAC_Channel, DAC_InitTypeDef* DAC_InitStruct); void DAC_StructInit(DAC_InitTypeDef* DAC_InitStruct); void DAC_StructInit(DAC_InitTypeDef* DAC_InitStruct); void DAC_Cmd(uint32_t DAC_Channel, FunctionalState NewState); void DAC_Cmd(DAC_TypeDef* DACx, uint32_t DAC_Channel, FunctionalState NewState); void DAC_SoftwareTriggerCmd(uint32_t DAC_Channel, FunctionalState NewState); void DAC_SoftwareTriggerCmd(DAC_TypeDef* DACx, uint32_t DAC_Channel, FunctionalState NewState); DAC_DualSoftwareTriggerCmd(FunctionalState NewState); void DAC_DualSoftwareTriggerCmd(DAC_TypeDef* DACx, FunctionalState NewState); void DAC_WaveGenerationCmd(uint32_t DAC_Channel, uint32_t DAC_Wave, FunctionalState NewState); void DAC_WaveGenerationCmd(DAC_TypeDef* DACx, uint32_t DAC_Channel, uint32_t DAC_Wave, FunctionalState NewState); void DAC_SetChannel1Data(uint32_t DAC_Align, uint16_t Data); void DAC_SetChannel1Data(DAC_TypeDef* DACx, uint32_t DAC_Align, uint16_t Data); void DAC_SetChannel2Data(uint32_t DAC_Align, uint16_t Data); void DAC_SetChannel2Data(DAC_TypeDef* DACx, uint32_t DAC_Align, uint16_t Data); void DAC_SetDualChannelData(uint32_t DAC_Align, uint16_t Data2, uint16_t Data1); void DAC_SetDualChannelData(DAC_TypeDef* DACx, uint32_t DAC_Align, uint16_t Data2, uint16_t Data1); uint16_t DAC_GetDataOutputValue(uint32_t DAC_Channel); uint16_t DAC_GetDataOutputValue(DAC_TypeDef* DACx, uint32_t DAC_Channel); NA void DAC_DualSoftwareTriggerCmd(DAC_TypeDef* DACx, FunctionalState NewState) NA void DAC_WaveGenerationCmd(DAC_TypeDef* DACx, uint32_t DAC_Channel, uint32_t DAC_Wave, FunctionalState NewState); void DAC_DMACmd(uint32_t DAC_Channel, FunctionalState NewState); void DAC_DMACmd(DAC_TypeDef* DACx, uint32_t DAC_Channel, FunctionalState NewState); |