| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4228 bảng dữ liệu(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 bảng dữ liệu(HTML) 86 Page - STMicroelectronics |
|
86 / 90 page ![]() Firmware migration using the library AN4228 86/90 DocID024110 Rev 5 void TIM_EncoderInterfaceConfig(TIM_TypeDef* TIMx, uint16_t TIM_EncoderMode, uint16_t TIM_IC1Polarity, uint16_t TIM_IC2Polarity); void TIM_EncoderInterfaceConfig(TIM_TypeDef* TIMx, uint16_t TIM_EncoderMode, uint16_t TIM_IC1Polarity, uint16_t TIM_IC2Polarity); void TIM_SelectHallSensor(TIM_TypeDef* TIMx, FunctionalState NewState); void TIM_SelectHallSensor(TIM_TypeDef* TIMx, FunctionalState NewState); NA void TIM_RemapConfig(TIM_TypeDef* TIMx, uint16_t TIM_Remap); 1. Those functions are applicable only for STM32F30xx devices. Table 32. STM32F10x and STM32F3xx TIM driver API correspondence (continued) STM32F10x TIM driver API STM32F3xx TIM driver API Color key: = New function = Same function, but API was changed = Function not available (NA) |