| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4228 bảng dữ liệu(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 bảng dữ liệu(HTML) 87 Page - STMicroelectronics |
|
87 / 90 page ![]() DocID024110 Rev 5 87/90 AN4228 Firmware migration using the library 89 4.19 DBGMCU driver Existing DBGMCU available on STM32F10x and STM32F3xx devices have the same specifications. The table below lists the DBGMCU driver APIs. Table 33. STM32F10x and STM32F3xx DBGMCU driver API correspondence STM32F10x DBGMCU driver API STM32F3xx DBGMCU driver API uint32_t DBGMCU_GetREVID(void); uint32_t DBGMCU_GetREVID(void); uint32_t DBGMCU_GetDEVID(void); uint32_t DBGMCU_GetDEVID(void); void DBGMCU_Config(uint32_t DBGMCU_Periph, FunctionalState NewState); void DBGMCU_Config(uint32_t DBGMCU_Periph, FunctionalState NewState); NA void DBGMCU_APB1PeriphConfig(uint32_t DBGMCU_Periph, FunctionalState NewState); NA void DBGMCU_APB2PeriphConfig(uint32_t DBGMCU_Periph, FunctionalState NewState); Color key: = New function = Same function, but API was changed = Function not available (NA) |