| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4228 bảng dữ liệu(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 bảng dữ liệu(HTML) 56 Page - STMicroelectronics |
|
56 / 90 page ![]() Firmware migration using the library AN4228 56/90 DocID024110 Rev 5 This section gives an example of how to port existing code from STM32F1 series to STM32F3 series. The example below shows how to configure the ADC1 to convert continuously channel 14 in STM32F1 series: /* ADCCLK = PCLK2/4 */ _ADCCLKConfig(_PCLK2_Div4); /* Enable ADC's APB interface clock */ _APB2PeriphClockCmd(_APB2Periph_ADC1, ENABLE); /* Configure ADC1 to convert continously channel14 */ ADC_InitStructure.ADC_Mode = ADC_Mode_Independent; ADC_InitStructure.ADC_ScanConvMode = ENABLE; ADC_InitStructure.ADC_ContinuousConvMode = ENABLE; ADC_InitStructure.ADC_ExternalTrigConv = ADC_ExternalTrigConv_None; ADC_InitStructure.ADC_DataAlign = ADC_DataAlign_Right; ADC_InitStructure.ADC_NbrOfChannel = 1; ADC_Init(ADC1, &ADC_InitStructure); /* ADC1 regular channel14 configuration */ ADC_RegularChannelConfig(ADC1, ADC_Channel_14, 1, ADC_SampleTime_55Cycles5); /* Enable ADC1's DMA interface */ ADC_DMACmd(ADC1, ENABLE); /* Enable ADC1 */ ADC_Cmd(ADC1, ENABLE); /* Enable ADC1 reset calibration register */ ADC_ResetCalibration(ADC1); /* Check the end of ADC1 reset calibration register */ while(ADC_GetResetCalibrationStatus(ADC1)); /* Start ADC1 calibration */ ADC_StartCalibration(ADC1); /* Check the end of ADC1 calibration */ while(ADC_GetCalibrationStatus(ADC1)); /* Start ADC1 Software Conversion */ ADC_SoftwareStartConvCmd(ADC1, ENABLE); ... In F30 series, you have to update this code as follows: ... /* Configure the ADC clock */ |