| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4228 bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 90 page ![]() Firmware migration using the library AN4228 38/90 DocID024110 Rev 5 4.3 FLASH driver The table below shows the FLASH driver API correspondence between STM32F10x and STM32F3xx Libraries. You can easily update your application code by replacing STM32F10x functions by the corresponding function in the STM32F3xx library. The API compatibility has been maintained as much as possible. However legacy define statements are available within the Flash driver in case API or parameter names change. Table 20. STM32F10x and STM32F3xx FLASH driver API correspondence STM32F10x Flash driver API STM32F3xx Flash driver API void FLASH_SetLatency(uint32_t FLASH_Latency); void FLASH_SetLatency(uint32_t FLASH_Latency); void FLASH_PrefetchBufferCmd(uint32_t FLASH_PrefetchBuffer); void FLASH_PrefetchBufferCmd(FunctionalState NewState); void FLASH_HalfCycleAccessCmd(uint32_t FLASH_HalfCycleAccess); void FLASH_HalfCycleAccessCmd(FunctionalState NewState); void FLASH_Unlock(void); void FLASH_Unlock(void); void FLASH_Lock(void); void FLASH_Lock(void); FLASH_Status FLASH_ErasePage(uint32_t Page_Address); FLASH_Status FLASH_ErasePage(uint32_t Page_Address); FLASH_Status FLASH_EraseAllPages(void); FLASH_Status FLASH_EraseAllPages(void); FLASH_Status FLASH_ProgramWord(uint32_t Address, uint32_t Data); FLASH_Status FLASH_ProgramWord(uint32_t Address, uint32_t Data); FLASH_Status FLASH_ProgramHalfWord(uint32_t Address, uint16_t Data); FLASH_Status FLASH_ProgramHalfWord(uint32_t Address, uint16_t Data); |