| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4228 bảng dữ liệu(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 bảng dữ liệu(HTML) 76 Page - STMicroelectronics |
|
76 / 90 page ![]() Firmware migration using the library AN4228 76/90 DocID024110 Rev 5 4.16 IWDG driver Existing IWDG available on STM32F10x and STM32F3xx devices have the same specifications, with window capability additional feature in STM32F3 series which detect over frequency on external oscillators. The table below lists the IWDG driver APIs. Table 30. STM32F10x and STM32F3xx IWDG driver API correspondence STM32F10x IWDG driver API STM32F3xx IWDG driver API void IWDG_WriteAccessCmd(uint16_t IWDG_WriteAccess); void IWDG_WriteAccessCmd(uint16_t IWDG_WriteAccess); void IWDG_SetPrescaler(uint8_t IWDG_Prescaler); void IWDG_SetPrescaler(uint8_t IWDG_Prescaler); void IWDG_SetReload(uint16_t Reload); void IWDG_SetReload(uint16_t Reload); void IWDG_ReloadCounter(void); void IWDG_ReloadCounter(void); NA void IWDG_SetWindowValue(uint16_t WindowValue); void IWDG_Enable(void); void IWDG_Enable(void); |