| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4228 bảng dữ liệu(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 bảng dữ liệu(HTML) 84 Page - STMicroelectronics |
|
84 / 90 page ![]() Firmware migration using the library AN4228 84/90 DocID024110 Rev 5 void TIM_BDTRConfig(TIM_TypeDef* TIMx, TIM_BDTRInitTypeDef *TIM_BDTRInitStruct); void TIM_BDTRConfig(TIM_TypeDef* TIMx, TIM_BDTRInitTypeDef *TIM_BDTRInitStruct); NA void TIM_Break1Config(TIM_TypeDef* TIMx, uint32_t TIM_Break1Polarity, uint8_t TIM_Break1Filter);(1) NA void TIM_Break2Config(TIM_TypeDef* TIMx, uint32_t TIM_Break2Polarity, uint8_t TIM_Break2Filter);(1) NA void TIM_Break1Cmd(TIM_TypeDef* TIMx, FunctionalState NewState);(1) NA void TIM_Break2Cmd(TIM_TypeDef* TIMx, FunctionalState NewState);(1) void TIM_BDTRStructInit(TIM_BDTRInitTypeDef* TIM_BDTRInitStruct); void TIM_BDTRStructInit(TIM_BDTRInitTypeDef* TIM_BDTRInitStruct); void TIM_CtrlPWMOutputs(TIM_TypeDef* TIMx, FunctionalState NewState); void TIM_CtrlPWMOutputs(TIM_TypeDef* TIMx, FunctionalState NewState); void TIM_SelectCOM(TIM_TypeDef* TIMx, FunctionalState NewState); void TIM_SelectCOM(TIM_TypeDef* TIMx, FunctionalState NewState); void TIM_CCPreloadControl(TIM_TypeDef* TIMx, FunctionalState NewState); void TIM_CCPreloadControl(TIM_TypeDef* TIMx, FunctionalState NewState); void TIM_ITConfig(TIM_TypeDef* TIMx, uint16_t TIM_IT, FunctionalState NewState); void TIM_ITConfig(TIM_TypeDef* TIMx, uint16_t TIM_IT, FunctionalState NewState); void TIM_GenerateEvent(TIM_TypeDef* TIMx, uint16_t TIM_EventSource); void TIM_GenerateEvent(TIM_TypeDef* TIMx, uint16_t TIM_EventSource); FlagStatus TIM_GetFlagStatus(TIM_TypeDef* TIMx, uint32_t TIM_FLAG); FlagStatus TIM_GetFlagStatus(TIM_TypeDef* TIMx, uint32_t TIM_FLAG); void TIM_ClearFlag(TIM_TypeDef* TIMx, uint16_t TIM_FLAG); void TIM_ClearFlag(TIM_TypeDef* TIMx, uint16_t TIM_FLAG); ITStatus TIM_GetITStatus(TIM_TypeDef* TIMx, uint16_t TIM_IT); ITStatus TIM_GetITStatus(TIM_TypeDef* TIMx, uint16_t TIM_IT); void TIM_ClearITPendingBit(TIM_TypeDef* TIMx, uint16_t TIM_IT); void TIM_ClearITPendingBit(TIM_TypeDef* TIMx, uint16_t TIM_IT); void TIM_DMAConfig(TIM_TypeDef* TIMx, uint16_t TIM_DMABase, uint16_t TIM_DMABurstLength); void TIM_DMAConfig(TIM_TypeDef* TIMx, uint16_t TIM_DMABase, uint16_t TIM_DMABurstLength); void TIM_DMACmd(TIM_TypeDef* TIMx, uint16_t TIM_DMASource, FunctionalState NewState); void TIM_DMACmd(TIM_TypeDef* TIMx, uint16_t TIM_DMASource, FunctionalState NewState); void TIM_SelectCCDMA(TIM_TypeDef* TIMx, FunctionalState NewState); void TIM_SelectCCDMA(TIM_TypeDef* TIMx, FunctionalState NewState); Table 32. STM32F10x and STM32F3xx TIM driver API correspondence (continued) STM32F10x TIM driver API STM32F3xx TIM driver API |