| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4228 bảng dữ liệu(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 bảng dữ liệu(HTML) 74 Page - STMicroelectronics |
|
74 / 90 page ![]() Firmware migration using the library AN4228 74/90 DocID024110 Rev 5 void USART_LINBreakDetectLengthConfig(USART_Typ eDef* USARTx, uint32_t USART_LINBreakDetectLength); void USART_LINBreakDetectLengthConfig(USART_Typ eDef* USARTx, uint32_t USART_LINBreakDetectLength); void USART_LINCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_LINCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_HalfDuplexCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_HalfDuplexCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_SmartCardCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_SmartCardCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_SmartCardNACKCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_SmartCardNACKCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_SetGuardTime(USART_TypeDef* USARTx, uint8_t USART_GuardTime); void USART_SetGuardTime(USART_TypeDef* USARTx, uint8_t USART_GuardTime); NA void USART_SetAutoRetryCount(USART_TypeDef* USARTx, uint8_t USART_AutoCount); NA void USART_SetBlockLength(USART_TypeDef* USARTx, uint8_t USART_BlockLength); void USART_IrDAConfig(USART_TypeDef* USARTx, uint32_t USART_IrDAMode); void USART_IrDAConfig(USART_TypeDef* USARTx, uint32_t USART_IrDAMode); void USART_IrDACmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_IrDACmd(USART_TypeDef* USARTx, FunctionalState NewState); NA void USART_DECmd(USART_TypeDef* USARTx, FunctionalState NewState); NA void USART_DEPolarityConfig(USART_TypeDef* USARTx, uint32_t USART_DEPolarity); NA void USART_SetDEAssertionTime(USART_TypeDef* USARTx, uint32_t USART_DEAssertionTime); NA void USART_SetDEDeassertionTime(USART_TypeDef* USARTx, uint32_t USART_DEDeassertionTime); Table 29. STM32F10x and STM32F3xx USART driver API correspondence (continued) STM32F10x USART driver API STM32F3xx USART driver API |