| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4228 bảng dữ liệu(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 bảng dữ liệu(HTML) 83 Page - STMicroelectronics |
|
83 / 90 page ![]() DocID024110 Rev 5 83/90 AN4228 Firmware migration using the library 89 void TIM_OC2PolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCPolarity); void TIM_OC2PolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCPolarity); void TIM_OC2NPolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCNPolarity); void TIM_OC2NPolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCNPolarity); void TIM_OC3PolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCPolarity); void TIM_OC3PolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCPolarity); void TIM_OC3NPolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCNPolarity); void TIM_OC3NPolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCNPolarity); void TIM_OC4PolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCPolarity); void TIM_OC4PolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCPolarity); NA void TIM_OC5PolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCPolarity); NA void TIM_OC6PolarityConfig(TIM_TypeDef* TIMx, uint16_t TIM_OCPolarity); void TIM_CCxCmd(TIM_TypeDef* TIMx, uint16_t TIM_Channel, uint16_t TIM_CCx); void TIM_CCxCmd(TIM_TypeDef* TIMx, uint16_t TIM_Channel, uint16_t TIM_CCx); void TIM_CCxNCmd(TIM_TypeDef* TIMx, uint16_t TIM_Channel, uint16_t TIM_CCxN); void TIM_CCxNCmd(TIM_TypeDef* TIMx, uint16_t TIM_Channel, uint16_t TIM_CCxN); void TIM_ICInit(TIM_TypeDef* TIMx, TIM_ICInitTypeDef* TIM_ICInitStruct); void TIM_ICInit(TIM_TypeDef* TIMx, TIM_ICInitTypeDef* TIM_ICInitStruct); void TIM_ICStructInit(TIM_ICInitTypeDef* TIM_ICInitStruct); void TIM_ICStructInit(TIM_ICInitTypeDef* TIM_ICInitStruct); void TIM_PWMIConfig(TIM_TypeDef* TIMx, TIM_ICInitTypeDef* TIM_ICInitStruct); void TIM_PWMIConfig(TIM_TypeDef* TIMx, TIM_ICInitTypeDef* TIM_ICInitStruct); uint32_t TIM_GetCapture1(TIM_TypeDef* TIMx); uint32_t TIM_GetCapture1(TIM_TypeDef* TIMx); uint32_t TIM_GetCapture2(TIM_TypeDef* TIMx); uint32_t TIM_GetCapture2(TIM_TypeDef* TIMx); uint32_t TIM_GetCapture3(TIM_TypeDef* TIMx); uint32_t TIM_GetCapture3(TIM_TypeDef* TIMx); uint32_t TIM_GetCapture4(TIM_TypeDef* TIMx); uint32_t TIM_GetCapture4(TIM_TypeDef* TIMx); void TIM_SetIC1Prescaler(TIM_TypeDef* TIMx, uint16_t TIM_ICPSC); void TIM_SetIC1Prescaler(TIM_TypeDef* TIMx, uint16_t TIM_ICPSC); void TIM_SetIC2Prescaler(TIM_TypeDef* TIMx, uint16_t TIM_ICPSC); void TIM_SetIC2Prescaler(TIM_TypeDef* TIMx, uint16_t TIM_ICPSC); void TIM_SetIC3Prescaler(TIM_TypeDef* TIMx, uint16_t TIM_ICPSC); void TIM_SetIC3Prescaler(TIM_TypeDef* TIMx, uint16_t TIM_ICPSC); void TIM_SetIC4Prescaler(TIM_TypeDef* TIMx, uint16_t TIM_ICPSC); void TIM_SetIC4Prescaler(TIM_TypeDef* TIMx, uint16_t TIM_ICPSC); Table 32. STM32F10x and STM32F3xx TIM driver API correspondence (continued) STM32F10x TIM driver API STM32F3xx TIM driver API |