công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4228 bảng dữ liệu(PDF) 66 Page - STMicroelectronics

tên linh kiện AN4228
Giải thích chi tiết về linh kiện  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 bảng dữ liệu(HTML) 66 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 62Page - STMicroelectronics AN4228 Datasheet HTML 63Page - STMicroelectronics AN4228 Datasheet HTML 64Page - STMicroelectronics AN4228 Datasheet HTML 65Page - STMicroelectronics AN4228 Datasheet HTML 66Page - STMicroelectronics AN4228 Datasheet HTML 67Page - STMicroelectronics AN4228 Datasheet HTML 68Page - STMicroelectronics AN4228 Datasheet HTML 69Page - STMicroelectronics AN4228 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
Firmware migration using the library
AN4228
66/90
DocID024110 Rev 5
NA
void I2C_AutoEndCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA
void I2C_ReloadCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA
void I2C_NumberOfBytesConfig(I2C_TypeDef* I2Cx,
uint8_t Number_Bytes);
NA
void I2C_MasterRequestConfig(I2C_TypeDef* I2Cx,
uint16_t I2C_Direction);
void I2C_GenerateSTART(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_GenerateSTART(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_GenerateSTOP(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_GenerateSTOP(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA
void I2C_10BitAddressHeaderCmd(I2C_TypeDef*
I2Cx, FunctionalState NewState);
void I2C_AcknowledgeConfig(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_AcknowledgeConfig(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA
uint8_t I2C_GetAddressMatched(I2C_TypeDef* I2Cx);
NA
uint16_t I2C_GetTransferDirection(I2C_TypeDef*
I2Cx);
NA
void I2C_TransferHandling(I2C_TypeDef* I2Cx,
uint16_t Address, uint8_t Number_Bytes, uint32_t
ReloadEndMode, uint32_t StartStopMode);
ErrorStatus I2C_CheckEvent(I2C_TypeDef* I2Cx,
uint32_t I2C_EVENT)
NA
void I2C_Send7bitAddress(I2C_TypeDef* I2Cx,
uint8_t Address, uint8_t I2C_Direction)
NA
Table 27. STM32F10x and STM32F3xx I2C driver API correspondence (continued)
STM32F10x I2C Driver API
STM32F3xx I2C Driver API



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90