| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4228 bảng dữ liệu(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 bảng dữ liệu(HTML) 52 Page - STMicroelectronics |
|
52 / 90 page ![]() Firmware migration using the library AN4228 52/90 DocID024110 Rev 5 void ADC_DiscModeCmd(ADC_Type Def* ADCx, FunctionalState NewState); void ADC_DiscModeCmd(ADC_TypeDe f* ADCx, FunctionalState NewState); void ADC_DiscModeCmd(ADC_TypeDe f* ADCx, FunctionalState NewState); uint16_t ADC_GetConversionValue(ADC_ TypeDef* ADCx); uint16_t ADC_GetConversionValue(ADC_Ty peDef* ADCx); uint16_t ADC_GetConversionValue(ADC_Ty peDef* ADCx); uint32_t ADC_GetDualModeConversionV alue(void); | Not supported by STM32F37xx uint32_t ADC_GetDualModeConversionValu e(ADC_TypeDef* ADCx); NA NA void ADC_SetChannelOffset1(ADC_Typ eDef* ADCx, uint8_t ADC_Channel, uint16_t Offset); NA NA void ADC_SetChannelOffset2(ADC_Typ eDef* ADCx, uint8_t ADC_Channel, uint16_t Offset); NA NA void ADC_SetChannelOffset3(ADC_Typ eDef* ADCx, uint8_t ADC_Channel, uint16_t Offset); NA NA void ADC_SetChannelOffset4(ADC_Typ eDef* ADCx, uint8_t ADC_Channel, uint16_t Offset); NA NA void ADC_ChannelOffset1Cmd(ADC_Ty peDef* ADCx, FunctionalState NewState); NA NA void ADC_ChannelOffset2Cmd(ADC_Ty peDef* ADCx, FunctionalState NewState); NA NA void ADC_ChannelOffset3Cmd(ADC_Ty peDef* ADCx, FunctionalState NewState); NA NA void ADC_ChannelOffset4Cmd(ADC_Ty peDef* ADCx, FunctionalState NewState); Table 23. STM32F10x and STM32F3xx ADC driver API correspondence (continued) STM32F10x ADC driver API STM32F37x ADC driver API STM32F30x ADC driver API |