công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 132 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 128Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 129Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 130Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 131Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 132Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 133Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 134Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 135Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 458 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DZ128 Series Data Sheet, Rev. 1
132
Freescale Semiconductor
6.5.9
Port J Registers
Port J is controlled by the registers listed below.
6.5.9.1
Port J Data Register (PTJD)
6.5.9.2
Port J Data Direction Register (PTJDD)
76543210
R
PTJD7
PTJD6
PTJD5
PTJD4
PTJD3
PTJD2
PTJD1
PTJD0
W
Reset:
00000000
Figure 6-52. Port J Data Register (PTJD)
Table 6-50. PTJD Register Field Descriptions
Field
Description
7:0
PTJD[7:0]
Port J Data Register Bits — For port J pins that are inputs, reads return the logic level on the pin. For port J
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port J pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTJD to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pull-ups disabled.
76543210
R
PTJDD7
PTJDD6
PTJDD5
PTJDD4
PTJDD3
PTJDD2
PTJDD1
PTJDD0
W
Reset:
00000000
Figure 6-53. Port J Data Direction Register (PTJDD)
Table 6-51. PTJDD Register Field Descriptions
Field
Description
7:0
PTJDD[7:0]
Data Direction for Port J Bits — These read/write bits control the direction of port J pins and what is read for
PTJD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port J bit n and PTJD reads return the contents of PTJDn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com