công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 257 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 257 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 253Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 254Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 255Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 256Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 257Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 258Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 259Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 260Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 261Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 458 page
background image
Chapter 12 Freescale’s Controller Area Network (S08MSCANV1)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
257
Figure 12-3. CAN System
12.3
Register Definition
This section describes in detail all the registers and register bits in the MSCAN module. Each description
includes a standard register diagram with an associated figure number. Details of register bit and field
function follow the register diagrams, in bit order. All bits of all registers in this module are completely
synchronous to internal clocks during a register read.
12.3.1
MSCAN Control Register 0 (CANCTL0)
The CANCTL0 register provides various control bits of the MSCAN module as described below.
NOTE
The CANCTL0 register, except WUPE, INITRQ, and SLPRQ, is held in the
reset state when the initialization mode is active (INITRQ = 1 and
INITAK = 1). This register is writable again as soon as the initialization
mode is exited (INITRQ = 0 and INITAK = 0).
Read: Anytime
Write: Anytime when out of initialization mode; exceptions are read-only RXACT and SYNCH, RXFRM
(which is set by the module only), and INITRQ (which is also writable in initialization mode).
76543210
R
RXFRM
RXACT
CSWAI
SYNCH
TIME
WUPE
SLPRQ
INITRQ
W
Reset:
00000001
= Unimplemented
Figure 12-4. MSCAN Control Register 0 (CANCTL0)
CAN Bus
CAN Controller
(MSCAN)
Transceiver
CAN node 1
CAN node 2
CAN node n
CAN_L
CAN_H
MCU
TXCAN
RXCAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com