công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 111 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 111 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 107Page - NEC MPD78CP18KB Datasheet HTML 108Page - NEC MPD78CP18KB Datasheet HTML 109Page - NEC MPD78CP18KB Datasheet HTML 110Page - NEC MPD78CP18KB Datasheet HTML 111Page - NEC MPD78CP18KB Datasheet HTML 112Page - NEC MPD78CP18KB Datasheet HTML 113Page - NEC MPD78CP18KB Datasheet HTML 114Page - NEC MPD78CP18KB Datasheet HTML 115Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
93
6.3.3 Frequency measurement mode
In this mode the frequency of the external pulses input to the CI pin is measured. Since the external pulses in
the period (basic time) during which the timer output (TO) is high are counted in this mode, the timer needs to be
started beforehand.
After first clearing ECNT, the operation is started by setting the data shown in Figure 6-10 in the timer/event counter
mode register.
Figure 6-10. Timer/Event Counter Mode Register Setting (Frequency Measurement Mode)
0
0
ETMM
0
2
4
5
6
7
000
1
1
1
31
CI input count while TO is high
ECNT cleared on fall of TO
ECNT counts the external pulses input to the CI pin while the timer output (TO) is high. When the timer output
falls, the ECNT contents are transferred to the timer/event counter capture register (ECPT), ECNT is cleared, and
an interrupt (INTEIN) is generated (see Figure 6-11).
Since the input to ECNT is the CI input while TO is high, ECNT is cleared and the interrupt generated by the fall
of TO (see 6.1 (6) Clear control circuit and (7) Interrupt control circuit).
Figure 6-11. Frequency Measurement Mode Operation
Timer
output
(TO)
CI input
ECNT input
INTEIN
Interrupt acknowledgment
ECNT contents transferred to ECPT
ECNT cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com