công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 110 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 110 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 106Page - NEC MPD78CP18KB Datasheet HTML 107Page - NEC MPD78CP18KB Datasheet HTML 108Page - NEC MPD78CP18KB Datasheet HTML 109Page - NEC MPD78CP18KB Datasheet HTML 110Page - NEC MPD78CP18KB Datasheet HTML 111Page - NEC MPD78CP18KB Datasheet HTML 112Page - NEC MPD78CP18KB Datasheet HTML 113Page - NEC MPD78CP18KB Datasheet HTML 114Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
92
6.3.2 Event counter mode
In this mode, external pulses input to the CI pin (dual function as PC5) are counted.
After first clearing ECNT, the external even count is performed by setting the data shown in Figure 6-8 in the timer/
event counter mode register.
Figure 6-8. Timer/Event Counter Mode Register Setting (Event Counter Mode)
External pulses input to the CI pin are synchronized with the internal clock, and ECNT counts up on their falling
edge.
The pulse width of the pulses input to the CI pin must be at least 500 ns (at 12 MHz operation); pulses of 250
ns or less in width are regarded as noise signals and are not counted.
The count value can be read at any time by software.
When the timer/event counter mode register is set as shown in Figure 6-8, if ECNT counts up to FFFFH the OV
(Overflow) flag is set and the count starts again from 0000H. The OV flag does not have an interrupt function but
can be tested in the program by means of a skip instruction (SKIT or SKNIT).
When the external event count reaches the value set in ETM0/ETM1, and internal interrupt (INTE0/INTE1) is
generated.
Figure 6-9. Event Counter Mode Operation
CI input
Internal
signal
ECNT input
Internal
clock
( 3)
φ
1
0
ETMM
0
2
4
5
6
7
000
0
1
0
31
CI input count
Free running
cleared after
full count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com