công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 108 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 108 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 104Page - NEC MPD78CP18KB Datasheet HTML 105Page - NEC MPD78CP18KB Datasheet HTML 106Page - NEC MPD78CP18KB Datasheet HTML 107Page - NEC MPD78CP18KB Datasheet HTML 108Page - NEC MPD78CP18KB Datasheet HTML 109Page - NEC MPD78CP18KB Datasheet HTML 110Page - NEC MPD78CP18KB Datasheet HTML 111Page - NEC MPD78CP18KB Datasheet HTML 112Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
90
6.3 Timer/Event Counter Operation
Timer/event counter operation is started by setting the count value and operating mode following the procedure
shown in Figure 6-5. Once these settings have been made, operation continues in that mode until the mode register
is set again.
Figure 6-5. Timer/Event Counter Setting Procedure
Clear timer/event counter
upcounter (ECNT)
Set count value in timer/event
counter REG0/1
(ETM0/1)
Timer/event counter output
mode register (EOM) setting
Timer/event counter
mode register (ETMM) setting
Port C mode
setting (MCC)
Start of count
RESET input
; In case of programmable
rectangular-wave output
Interrupt
Pin output
6.3.1 Interval timer mode
In this mode, the timer functions as an interval timer which generates interrupts repeatedly with the specified
count time as the interval. This interval timer allows a count to be specified from 1
µs to 65.535 ms with a resolution
of 1
µs (at 12 MHz operation).
After the timer/event counter upcounter (ECNT) is cleared, the count value is set in timer/event counter REG0/
1 (ETM0/ETM1). Then when the data shown in Figure 6-6 is set in the timer/event counter mode register (ETMM),
the timer/event counter operates as an interval timer using the internal clock (
φ12) as the input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com