| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP18KB bảng dữ liệu(PDF) 266 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP18KB bảng dữ liệu(HTML) 266 Page - NEC |
|
266 / 373 page ![]() CHAPTER 14 INSTRUCTION SET 248 LDEAX rpa3 (Load EA with Memory addressed by Register Pair) <1> Operation code : 01001000 1000C3 C2 C1 C0 Data <2> Number of bytes/states: The number of bytes and number of states are as shown below, depending on the rpa3 specification. rpa3 D H D++ H++ D+byte H+A H+B H+EA H+byte Number of bytes 2 3 2 3 Number of states 14 (8) 20 (11) <3> Function : EAL ← (rpa3), EAH ← (rpa3+1) Loads the contents of the memory addressed by the register pair rpa3 (DE, HL, DE++, HL++, DE+byte, HL+A, HL+B, HL+EA, HL+byte) specified by C3C2C1C0 (2 to 5, B to F) into the low-order 8 bits (EAL) of the extended accumulator, and loads the contents of the memory addressed by rpa3+1 into the high-order 8 bits (EAH). If DE+byte or HL+byte is specified as rpa3, the memory is addressed by the result of adding the 3rd byte (Data) of the instruction to the contents of DE/HL. If HL+A, HL+B, or HL+EA is specified, the memory is addressed by the result of adding the contents of the register (A, B, EA) to the contents of HL. <4> Flags affected : SK ← 0, L1 ← 0, L0 ← 0 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |