công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 268 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 268 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 264Page - NEC MPD78CP18KB Datasheet HTML 265Page - NEC MPD78CP18KB Datasheet HTML 266Page - NEC MPD78CP18KB Datasheet HTML 267Page - NEC MPD78CP18KB Datasheet HTML 268Page - NEC MPD78CP18KB Datasheet HTML 269Page - NEC MPD78CP18KB Datasheet HTML 270Page - NEC MPD78CP18KB Datasheet HTML 271Page - NEC MPD78CP18KB Datasheet HTML 272Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
250
POP rp1
(Pop Register Pair off Stack)
<1> Operation code
:
10100Q2 Q1 Q0
<2> Number of bytes :
1
<3> Number of states :
10 (4)
<4> Function
:
rp1L
← (SP), rp1H ← (SP+1), SP ← SP+2
Restores the contents of the stack memory addressed by (SP) to the lower half (A, C, E, L, EAL) of the register
pair rp1 (VA, BC, DE, HL) or extended accumulator specified by Q2Q1Q0 (0 to 4), and restores the contents
of the stack memory addressed by (SP+1) to the upper half (V, B, D, H, EAH).
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
<6> Example
:
PUSH B
PUSH D
POP D
POP B
As the stack pointer indicates the last stack address saved to, the POP instruction restores items in the
reverse order from that used in the PUSH instruction.
LXI rp2, word
(Load Register Pair with Immediate)
<1> Operation code
:
0
P2
P1
P0
0100
Low byte
High byte
<2> Number of bytes :
3
<3> Number of states :
10 (10)
<4> Function
:
rp2
← word
Loads the 2nd byte into the low-order 8 bits (SPL) of the SP or the lower half (C, E, L, EAL) of the register
pair rp2 (BC, DE, HL) or extended address specified by P2P1P0 (0 to 4), and loads the 3rd byte into the upper
half (SPH, B, D, H, EAH). A stacking effect is produced when HL is specified as the register pair.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 1 (when rp2 = HL)
SK
← 0, L1 ← 0, L0 ← 0 (other cases)
<6> Example
:
LXI B, 4000H; Load 40H into B register and 00H into C register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com